Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM10HA151JO3-RHTR02 Datasheet(PDF) 5 Page - Sharma Electro Components,Inc

No. de pieza DM10HA151JO3-RHTR02
Descripción Electrónicos  MICA CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHARMA [Sharma Electro Components,Inc]
Página de inicio  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM10HA151JO3-RHTR02 Datasheet(HTML) 5 Page - Sharma Electro Components,Inc

  DM10HA151JO3-RHTR02 Datasheet HTML 1Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 2Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
FIGURE 6
FIGURE 7
FIGURE 8
MOISTURE RESISTANCE LOADING
Capacitors shall be subjected to a temperature of 40±2 °C at 90 to 95% relative humidity
with rated voltage for 500 Hours. After the test the samples are maintained at normal
temperature and relative humidity for a period of 4 to 24 hours. When tested after this;
1. The capacitor samples shall be free of cracks, or other mechanical damages and the
marking shall remain legible
2. The samples shall meet the original requirement of the Withstanding voltage
3. The samples shall meet the after test requirement of Insulation resistance as furnished in
Figure 2
4. The dissipation factor shall be within 2 times the original limits
5. The capacitance change shall not exceed ±5% or ±1 pF
LIFE TEST
The capacitor samples shall be subjected to a temperature of
125 °C with 150% of rated
voltage for 2000 hours.
After the test :
1. The capacitor samples shall be free of cracks, or other mechanical damages and the
marking shall remain legible
2. The samples shall meet the original requirement of the
Withstanding voltage
3. The samples shall meet the original requirements of Insulation resistance as furnished in
Figure 1.
4. The dissipation factor shall be within 1.5 times the original limits
5. The capacitance change shall not exceed ±3% or ±1 pF(whichever is greater) for
characteristic "C" and ±2.5 ±1pF (whichever is greater) for characteristic D, E and F.)
OTHER TYPICAL VARIATION PATTERNS
Some typical variation patterns for selected values during heat resistance load life test and
moisture proof load life tests as listed below are illustrated in Figures 8 through 10.
1. Insulation resistance Vs. time for heat resistance load life test and moisture proof load life
tests (Figure 8).
2. Capacitance change in percentage Vs. time (Figure 9).
3. Dissipation factor Vs. time (Figure 10).
Other variation patterns and characteristic for selected values as listed below are furnished
as Figures 11 through 14
1. Capacitance change Vs. frequency (Figure 11)
2. Capacitance change Vs. time(Figure 12)
3. Dissipation factor change Vs. frequency(Figure 13)
4. Insulation resistance Vs. temperature (Figure 14)
FIGURE 9
FIGURE 10
FIGURE 11
FIGURE 12
FIGURE 13
FIGURE 14
Sharma Mica Capacitors
Page 5
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Número de pieza similar - DM10HA151JO3-RHTR02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
logo
Pepperl+Fuchs Inc.
DM10-10NDFEB PF-DM10-10NDFEB Datasheet
341Kb / 2P
   Magnet
logo
Extech Instruments Corp...
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
logo
Power-One
DM1001-7R POWER-ONE-DM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
More results

Descripción similar - DM10HA151JO3-RHTR02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com