Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRV401 Datasheet(PDF) 17 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza DRV401
Descripción Electrónicos  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV401 Datasheet(HTML) 17 Page - Burr-Brown (TI)

Back Button DRV401 Datasheet HTML 13Page - Burr-Brown (TI) DRV401 Datasheet HTML 14Page - Burr-Brown (TI) DRV401 Datasheet HTML 15Page - Burr-Brown (TI) DRV401 Datasheet HTML 16Page - Burr-Brown (TI) DRV401 Datasheet HTML 17Page - Burr-Brown (TI) DRV401 Datasheet HTML 18Page - Burr-Brown (TI) DRV401 Datasheet HTML 19Page - Burr-Brown (TI) DRV401 Datasheet HTML 20Page - Burr-Brown (TI) DRV401 Datasheet HTML 21Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
DRV401
SBVS070A − JUNE 2006 − REVISED OCTOBER 2006
www.ti.com
17
SHUNT SENSE AMPLIFIER
The differential (H-bridge) driver arrangement for the
compensation coil requires a differential sense amplifier
for the shunt voltage. This differential amplifier offers wide
bandwidth and a high slew rate for fast current sensors.
Excellent dc stability and accuracy result from an
auto-zero technique. The voltage gain is 4V/V, set by
precisely matched and stable internal SiCr resistors.
Both inputs of the differential amplifier are normally
connected to the current shunt resistor. This resistor adds
to the internal (10k
Ω) resistor, slightly reducing the gain in
this leg. For best common-mode rejection (CMR), a
dummy shunt resistor (R5) is placed in series with the
REFIN pin to restore matching of both resistor dividers, as
shown in Figure 5a.
For gains of 4V/V:
4
+
R
2
R
1
+
R
4
) R
5
R
SHUNT
) R
3
With R2/R1 = R4/R3 = 4; R5 = RSHUNT
× 4
Typically, the gain error resulting from the resistance of
RSHUNT is negligible; for 70dB of common-mode rejection,
however, the match of both divider ratios needs to be better
than 1/3000.
The amplifier output can drive close to the supply rails, and
is designed to drive the input of a SAR-type ADC; adding
an RC low-pass filter stage between the DRV401 and the
ADC is recommended. This filter not only limits the signal
bandwidth
but
also
decouples
the
high-frequency
component of the converter input sampling noise from the
amplifier output. For RF and CF values, refer to the specific
converter recommendations in the specific product data
sheet. Empirical evaluation may be necessary to obtain
optimum results.
The output can drive 100pF directly and shows 50%
overshoot with approximately 1nF capacitance. Adding RF
allows much larger capacitive loads, as shown in
Figure 5b and Figure 5c. Note that with RF of only 20
Ω, the
load capacitor should be either smaller than 1nF or larger
than 33nF to avoid overshoot; with RF of 50
Ω this transient
area is avoided.
a) Internal difference amplifier with an example of a decoupling filter.
10
µs/div
b) VOUT of Figure 5a with R5 = 20Ω and CD = 100nF.
10
µs/div
c) VOUT of Figure 5a with R5 = 50Ω and CD = 10nF.
R
2
40k
R
1
10k
R
4
40k
R
3
10k
R
5
Dummy
Shunt
Differential
Amplifier
R
F
50
Decoupling, Low−Pass Filter
REF
IN
Compensated
REF
IN
ADC
V
OUT
C
F
10nF
R
SHUNT
I
COMP2
K2
DRV401 Differential Amplifier Section
NOTE: R
5 is a dummy shunt resistor equal to 4x RSHUNT to compensate for RSHUNT and provide best CMR.
Figure 5. Internal Difference Amplifier with Example of a Decoupling Filter
(2)


Número de pieza similar - DRV401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401 TI-DRV401 Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
DRV401 TI1-DRV401 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
DRV401-EP TI-DRV401-EP Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV401-EP TI1-DRV401-EP Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Descripción similar - DRV401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com