Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13158 Datasheet(PDF) 10 Page - Motorola, Inc

No. de pieza MC13158
Descripción Electrónicos  WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13158 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC13158 Datasheet HTML 6Page - Motorola, Inc MC13158 Datasheet HTML 7Page - Motorola, Inc MC13158 Datasheet HTML 8Page - Motorola, Inc MC13158 Datasheet HTML 9Page - Motorola, Inc MC13158 Datasheet HTML 10Page - Motorola, Inc MC13158 Datasheet HTML 11Page - Motorola, Inc MC13158 Datasheet HTML 12Page - Motorola, Inc MC13158 Datasheet HTML 13Page - Motorola, Inc MC13158 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MC13158
10
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Description/External Circuit Requirements
Internal Equivalent Circuit
Symbol
Pin
25
Enable
2
VCC1
Enable
The IC regulators are enabled by placing this
pin at VEE.
26
VEE1
VEE1
26
25
Enable
VCC2
7
VEE2
16
VEE1
26
VCC1
2
VCC and VEE ESD Protection
ESD protection diodes exist between the VCC
and VEE pins. It is important to note that
significant differences in potential (> 0.5 VBE)
between the two VCC pins or between the VEE
pins can cause these structures to start to
conduct, thus compromising isolation between
the supply busses. VCC1 & VCC2 should be
maintained at the same DC potential, as
should VEE1 & VEE2.
28
29
Osc
Base
Osc
Emitter
Osc
Base
28
VCC1
2
Oscillator Base
This pin is connected to the base lead of the
common collector transistor. Since there is no
internal bias resistor to the base, VCC is
applied through an external choke or coil.
Oscillator Emitter
This pin is connected to the emitter lead; the
ii
d i
ll
VEE1
26
Osc
Emitter
29
p
emitter is connected internally to a current
source of about 200
µA. Additional emitter
current may be obtained by connecting an
external resistor to VEE; IE = V29/R29.
Details of circuits using overtone crystal and
LC varactor controlled oscillators are
discussed in the application section.
31
32
Mix
In1
Mix
In2
RF
In2
32
26
VEE1
RF
In1
31
2
VCC1
Mixer Inputs
The parallel equivalent differential input
impedance of the mixer is approximately 2.0
k
Ω in parallel with 1.0 pF. This equates to a
single ended input impedance of 1.0 k
Ω in
parallel with 2.0 pF.
The application circuit utilizes a SAW filter
having a differential output that requires a
2.0 k
Ω II 2.0 pF load. Therefore, little matching
is required between the SAW filter and the
mixer inputs. This and alternative circuits are
discussed in more detail in the application
section.


Número de pieza similar - MC13158

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
MC13158FTB LANSDALE-MC13158FTB Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
MC13158FTB LANSDALE-MC13158FTB Datasheet
1Mb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
More results

Descripción similar - MC13158

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158_08 Datasheet
1Mb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
logo
NXP Semiconductors
AN1998 PHILIPS-AN1998_15 Datasheet
1Mb / 20P
   An FM/IF system for DECT and other high-speed GFSK applications
Rev. 3-24 July 2014
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com