Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13158FTB Datasheet(PDF) 7 Page - Motorola, Inc

No. de pieza MC13158FTB
Descripción Electrónicos  WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13158FTB Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC13158FTB Datasheet HTML 3Page - Motorola, Inc MC13158FTB Datasheet HTML 4Page - Motorola, Inc MC13158FTB Datasheet HTML 5Page - Motorola, Inc MC13158FTB Datasheet HTML 6Page - Motorola, Inc MC13158FTB Datasheet HTML 7Page - Motorola, Inc MC13158FTB Datasheet HTML 8Page - Motorola, Inc MC13158FTB Datasheet HTML 9Page - Motorola, Inc MC13158FTB Datasheet HTML 10Page - Motorola, Inc MC13158FTB Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MC13158
7
MOTOROLA ANALOG IC DEVICE DATA
The recovered data signal from the quadrature detector
can be DC coupled to the data slicer DS IN1 (Pin 18). In the
application circuit shown in Figure 1 it will be centered at
2.0 VBE and allowed to swing ± VBE. A capacitor is placed
from DS IN2 (Pin 20) to VEE. The size of this capacitor and
the nature of the data signal determine how faithfully the data
slicer shapes up the recovered signal. The time constant is
short for large peak to peak voltage swings or when there is
a change in DC level at the detector output. For small signal
or for continuous bits of the same polarity which drift close to
the threshold voltage, the time constant is longer.
A unique feature of the data slicer is that the inverting
switching stages in the comparator are supplied through the
emitter pin of the output transistor (Pin 22 – DS Gnd) to VEE
rather than internally to VEE. This is provided in order to
reduce switching feedback to the front end. A control pin is
provided to shut the data slicer output off (DS “off” – Pin 19).
With DS “off” pin at VCC the data slicer output is shut off by
shutting down the base drive to the output transistor. When a
channel is being monitored to make an RSSI measurement,
but not to collect data, the data output may be shut off to save
current.
PIN FUNCTION DESCRIPTION
Pin
Symbol
Internal Equivalent Circuit
Description/External Circuit Requirements
1
2
Mix
Out
VCC1
Mix
Out
1
VCC1
2
Mixer Output
The mixer output impedance is 330
Ω; it
matches to 10.7 MHz ceramic filters with
330
Ω input impedance.
Supply Voltage (VCC1)
This pin is the VCC pin for the Mixer, Local
Oscillator, and IF Amplifer. The operating
Out
VEE1
26
Oscillator, and IF Amplifer. The operating
supply voltage range is from 1.8 Vdc to
5.0 Vdc. In the PCB layout, the VCC trace
must be kept as wide as possible to minimize
inductive reactances along the trace; it is best
to have it completely fill around the surface
mount components and traces on the circuit
side of the PCB.
3
4
IF
In
IF
330
64 k
64 k
IF Dec2
5
VCC1
2
IF Input
The input impedance at Pin 3 is 330
Ω. It
matches the 330
Ω load impedance of a
10.7 MHz ceramic filter. Thus, no external
matching is required.
IF DEC1 & DEC2
5
Dec1
IF
Dec2
IF Dec1
4
IF In
3
VEE1
26
IF decoupling pins. Decoupling capacitors
should be placed directly at the pins to enhance
stability. Two capacitors are decoupled to the
RF ground VCC1; one is placed between DEC1
& DEC2.
6
IF
Out
IF
Out
5
VEE1
26
VCC1
2
IF Output
The output impedance is 330
Ω; it matches
the 330 input resistance of a 10.7 MHz
ceramic filter.


Número de pieza similar - MC13158FTB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
MC13158FTB LANSDALE-MC13158FTB Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
MC13158FTB LANSDALE-MC13158FTB Datasheet
1Mb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
More results

Descripción similar - MC13158FTB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158_08 Datasheet
1Mb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
logo
NXP Semiconductors
AN1998 PHILIPS-AN1998_15 Datasheet
1Mb / 20P
   An FM/IF system for DECT and other high-speed GFSK applications
Rev. 3-24 July 2014
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com