Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM29150 Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co. |
|
LM29150 Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co. |
3 / 7 page 1.5A Very L.D.O Voltage Regulator LM29150/1/2/3 ABSOULTE MAXIMUM RATINGS Lead Temperature(Soldering, 5 Seconds) Storage Temperature Range Input Supply Voltage(Note 1) OPERATING RATINGS Operating Junction Temperature Maximum Operating Input Voltage ELECTRICAL CHARACTERISTICS I OUT=100㎃, TA=25℃, unless otherwise specified All measurements at Tj=25℃ unless otherwise noted. Bold Values are guaranteed across the operating temperature range. Adjustable versions are programmed to 5.0V Mar. 2006-Rev06 HTC -40℃ to + 125℃' 26V CHARACTERISTIC Internally Limit -20℃ to + 60℃' Internally Limit CHARACTERISTIC 94 260℃ -65℃ to + 150℃ LM29150 LM29152 |
Número de pieza similar - LM29150 |
|
Descripción similar - LM29150 |