Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC431RDB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza AMC431RDB
Descripción Electrónicos  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

AMC431RDB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AMC431RDB Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AMC DOC. #: AMC431_C
AMC431
November
2002
PRECISION ADJUSTABLE SHUNT
VOLTAGE REGULATORS
Copyright
 2002, ADD Microtech Corp.
6
www.addmtek.com
APPLICATION INFORMATION
VO = (1 + R1/R2)
×××× V
REF
Note: R should provide 1mA cathode current to the
AMC431 of minimum VBATT
Figure 4. Shunt Regulator
Figure 5. Single –Supply Comparator With
Temperature compensated threshold.
VO = (1 + R1/R2)
×××× V
REF
Figure 6. High-Current Shunt Regulator
Figure 7. Crowbar Circuit
VBATT
R1
0.1%
VREF
Von
≈ 2V
Voff
≈ V
BATT
GND
Vth = 2.5V
Input
VO
VBATT
R2
0.1%
VO
R*
R1
R2
VBATT
AMC431
AMC431
AMC431
AMC431
VBATT
R1
R2
C
VO
VO


Número de pieza similar - AMC431RDB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADDtek Corp
AMC431RDB ADDTEK-AMC431RDB Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
AMC431RDBF ADDTEK-AMC431RDBF Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
More results

Descripción similar - AMC431RDB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.3
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com