Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2520A Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BU2520A
Descripción Electrónicos  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2520A Datasheet(HTML) 4 Page - NXP Semiconductors

  BU2520A Datasheet HTML 1Page - NXP Semiconductors BU2520A Datasheet HTML 2Page - NXP Semiconductors BU2520A Datasheet HTML 3Page - NXP Semiconductors BU2520A Datasheet HTML 4Page - NXP Semiconductors BU2520A Datasheet HTML 5Page - NXP Semiconductors BU2520A Datasheet HTML 6Page - NXP Semiconductors BU2520A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2520A
Fig.9. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
Fig.10. Typical base-emitter saturation voltage.
V
BEsat = f (IB); parameter IC
Fig.11. Typical collector-emitter saturation voltage.
V
CEsat = f (IB); parameter IC
Fig.12. Typical turn-off losses. T
j = 85˚C
Eoff = f (I
B); parameter IC; parameter frequency
Fig.13. Typical collector storage and fall time.
ts = f (I
B); tf = f (IB); parameter IC; Tj = 85˚C; f = 16 kHz
Fig.14. Typical collector storage and fall time.
ts = f (I
B); tf = f (IB); parameter IC; Tj = 85˚C; f = 32 kHz
0.1
10
IC / A
VCESAT / V
BU2520A
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100
1
Tj = 25 C
Tj = 125 C
IC/IB =
4
5
3
0.1
1
10
IB / A
Eoff / uJ
BU2520A
1000
100
10
IC = 6 A
5 A
32 kHz
16 kHz
0
1
2
3
4
IB / A
VBESAT / V
BU2520A
1.2
1.1
1
0.9
0.8
0.7
0.6
Tj = 25 C
Tj = 125 C
IC=
8 A
6 A
5 A
4 A
0.1
1
10
IB / A
ts, tf / us
BU2520A
12
11
10
9
8
7
6
5
4
3
2
1
0
16 kHz
ts
tf
IC =
6 A
5 A
0.1
1
10
IB / A
VCESAT / V
BU2520A
10
1
0.1
Tj = 25 C
Tj = 125 C
IC = 4 A
5 A
6 A
8 A
0.1
1
10
IB / A
ts, tf / us
BU2520A
12
11
10
9
8
7
6
5
4
3
2
1
0
32 kHz
ts
tf
IC =
6 A
5 A
November 1995
4
Rev 1.200


Número de pieza similar - BU2520A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Savantic, Inc.
BU2520A SAVANTIC-BU2520A Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU2520A ISC-BU2520A Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU2520A SAVANTIC-BU2520A Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
NXP Semiconductors
BU2520AF PHILIPS-BU2520AF Datasheet
79Kb / 8P
   Silicon Diffused Power Transistor
September 1997 Rev 1.500
logo
Savantic, Inc.
BU2520AF SAVANTIC-BU2520AF Datasheet
117Kb / 3P
   Silicon NPN Power Transistors
More results

Descripción similar - BU2520A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com