Nombre de pieza
         Descripción
SPX431A

 Precision Adjustable Shunt Regulator ( 12 Page)


SIPEX
100% 
Zoom Out Zoom In
 6 page
background image
6
Date: 1/19/05
SPX431A,B,C Precision Adjustable Shunt Regulator
© Copyright 2005 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Figure 15. Test Circuit for Pulse Response
Figure 16. Stability Boundry Conditions
Figure 17. Test Circuit for Stability
Figure 18. Dynamic Output Impedance T
A = 25°C,
I
K = 1 to 100mA
Figure 19. Off State Leakage
Figure 20. Shunt Regulator V
OUT = (1+R1/R2)VREF
IK
VOUT
GND
250Ω
50Ω
VIN
fp = 100kHz
100
101
102
103
104
105
106
107
100
90
80
70
60
50
40
30
20
10
0
CL Load Capacitance (pF)
A: VKA = VREF
B: VKA= 5V at IK=10mA
C: VKA=10V at IK=10mA
D: VKA=15V at IK=10mA
C
D
B
A
STABLE
STABLE
TA = 25°C
150
10k
I
K
C
L
R
0.01
0.1
1
10
100
-50
0
50
100
150
TA Ambient Temperature (°C)
VKA = 36V
VREF = 0V
T
A =25 °C
I
K =1 to 100mA
f Frequency (Hz)
100
10
1.0
0.1
0.01
1K
10K
100K
1M
10M
R2
0.1%
VIN
R3
R1
0.1%
VOUT
VREF
SPX431A,B,C
1  2  3  4  5  6  7  8  9  10  11  12 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TL432Low Voltage 1.24V Adjustable Precision Shunt Regulator 1 2 3 4 5 HTC Korea TAEJIN Technology Co.
AMC431PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CS5253B-13.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications 1 2 3 4 5 MoreON Semiconductor
ZTLV4311.24V Cost effective shunt regulator 1 2 3 4 5 MoreZetex Semiconductors
NCV85125.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Monitor FLAG 1 2 3 4 5 MoreON Semiconductor
LM317LADJUSTABLE VOLTAGE REGULATOR POSITIVE 1 2 3 HTC Korea TAEJIN Technology Co.
ZN4582.45V PRECISION REFERENCE REGULATOR 1 2 3 4 5 MoreZarlink Semiconductor Inc
ADUC7019Precision Analog Microcontroller 12-bit Analog I/O ARM7TDMI MCU 1 2 3 4 5 MoreAnalog Devices
LTC5533300MHz to 11GHz Precision Dual RF Power Detector 1 2 3 4 5 MoreLinear Technology
LT6000Single Dual and Quad 1.8V 13uA Precision Rail-to-Rail Op Amps 1 2 3 4 5 MoreLinear Technology

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl