Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVC16245G Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza 74ALVC16245G
Descripción Electrónicos  Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16245G Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74ALVC16245G Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
Package Number BGA54A


Número de pieza similar - 74ALVC16245G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ALVC16245G FAIRCHILD-74ALVC16245G Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245G FAIRCHILD-74ALVC16245G Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
More results

Descripción similar - 74ALVC16245G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ALVC16245 FAIRCHILD-74ALVC16245_05 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245 Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX16245 FAIRCHILD-74VCX16245 Datasheet
138Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162543FT TOSHIBA-TC74VCXR162543FT Datasheet
422Kb / 11P
   LOW VOLTAGE 16-BIT REGISTERED TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com