Nombre de pieza
         Descripción
2SC6040

 High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications ( 5 Page)


TOSHIBA
100% 
Zoom Out Zoom In
   
 5 page
background image
2SC6040
2004-12-01
5
• The information contained herein is subject to change without notice.
• The information contained herein is presented only as a guide for the applications of our products. No
responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of
TOSHIBA or others.
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of
safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc..
• The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this
document shall be made at the customer’s own risk.
• TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced
and sold, under any law and regulations.
030619EAA
RESTRICTIONS ON PRODUCT USE
1  2  3  4  5 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2SK2173Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
CS20011.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET 1 2 3 4 5 MoreON Semiconductor
2SK3453Switching Regulator Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3473Switching Regulator Applications 1 2 3 Toshiba Semiconductor
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology
2SC2335NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING 1 2 3 4 5 MoreNEC
RN2970FESwitching Inverter Circuit Interface Circuit and Driver Circuit Applications 1 2 Toshiba Semiconductor
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
2SC5979NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device
2SD2402NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING 1 2 3 4 5 MoreNEC

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl