Nombre de pieza
         Descripción
MRF577T1

 The RF Small Signal Line NPN Silicon High-Frequency Transistor ( 12 Page)


MOTOROLA
100% 
Zoom Out Zoom In
 
 2 page
background image
MRF577T1
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 1.0 mA, IB = 0 mA)
V(BR)CEO
10
12
Vdc
Collector–Base Breakdown Voltage
(IC = 0.1 mA, IE = 0)
V(BR)CBO
20
Vdc
Emitter–Base Breakdown Voltage
(IE = 50 µA, IC = 0)
V(BR)EBO
2.5
Vdc
Collector Cutoff Current
(VCB = 8.0 Vdc, IE = 0)
ICBO
10
µA
ON CHARACTERISTICS
DC Current Gain
(VCE = 10 Vdc, IC = 30 mA)
hFE
50
300
DYNAMIC CHARACTERISTICS
Collector–Base Capacitance
(VCB = 6.0 Vdc, IE = 0, f = 1.0 MHz)
Ccb
0.85
pF
Current–Gain Bandwidth Product
(VCE = 6.0 Vdc, IE = 40 mA, f = 1.0 GHz)
f
τ
7.0
GHz
PERFORMANCE CHARACTERISTICS
Noise Figure — Minimum
500 MHz
(VCE = 6.0 Vdc, IC = 5.0 mA) Figure 1
1.0 GHz
NFmin
1.0
1.5
dB
Associated Gain at Minimum Noise Figure
500 MHz
(VCE = 6.0 Vdc, IC = 5.0 mA) Figure 1
1.0 GHz
GNF
15
10
dB
Maximum Unilateral Gain
(VCE = 6.0 Vdc, IC = 40 mA, f = 1000 MHz)
GUmax
12
dB
Insertion Gain
(VCE = 6.0 Vdc, IC = 40 mA, f = 1000 MHz)
|S212|
11
dB
Noise Resistance
(VCE = 6.0 Vdc, IC = 5.0 mA, f = 1000 MHz)
RN
6.0
Ohms
Figure 1. Functional Circuit Schematic
VBE
VCE
DUT
RF INPUT
RF OUTPUT
**SLUG TUNER
**SLUG TUNER
*BIAS
NETWORK
*BIAS
NETWORK
*HP11590B
**MICROLAB/FXR
**SF – 11N < 1 GHz
**SF – 31IN
≥ 1 GHz
1  2  3  4  5  6  7  8  9  10  11  12 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2SC5787NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD 1 2 3 4 5 MoreNEC
2SC5745NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD 1 2 3 4 5 MoreNEC
2SC5746NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD 1 2 3 4 5 MoreNEC
MMST6428NPN small signal transistor 1 2 Rohm
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
MRF1047T1NPN Silicon Low Noise Transistor 1 2 3 4 5 MoreMotorola, Inc
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
2SC2335NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING 1 2 3 4 5 MoreNEC
BRF610NPN LOW NOISE SILICON MICROWAVE TRANSISTOR 1 2 3 4 List of Unclassifed Manufacturers
2SC1628SILICON NPN TRIPLE DIFFUSED TRANSISTOR PCT PROCESS 1 2 3 4 Toshiba Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl