Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS20108D4S103M5E Datasheet(PDF) 1 Page - Vishay Siliconix |
|
CS20108D4S103M5E Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 3 page Capacitor Networks, Single-In-Line, Conformal Coated SIP “D” Profile www.vishay.com For technical questions, contact: ff2aresistors@vishay.com Document Number: 31522 1 Revision: 09-Jan-07 CS201 Vishay Dale FEATURES • X7R and COG capacitors available • Multiple isolated capacitors • Multiple capacitors, common ground • Custom design capability • Lead (Pb)-free version is RoHS compliant • “D” 0.300" [7.62 mm] package height (maximum) Available RoHS* COMPLIANT e1 * COG capacitors may be substituted for X7R capacitors STANDARD ELECTRICAL SPECIFICATIONS VISHAY DALE MODEL PROFILE SCHEMATIC CAPACITANCE RANGE CAPACITANCE TOLERANCE (- 55 °C to + 125 °C) % CAPACITOR VOLTAGE at 85 °C VDC COG* X7R CS201 D 1 33 pF - 3900 pF 470 pF - 0.1 µF ± 10 (K), ± 20 (M) 50 (5) CS201 D 3 33 pF - 3900 pF 470 pF - 0.1 µF ± 10 (K), ± 20 (M) 50 (5) CS201 D 4 33 pF - 3900 pF 470 pF - 0.1 µF ± 10 (K), ± 20 (M) 50 (5) TECHNICAL SPECIFICATIONS PARAMETER UNIT CS201 COG X7R Temperature Coefficient (- 55 °C to +125 °C) ppm/°C or % ± 30 ppm/°C ± 15 % Dissipation Factor (maximum) ± % 0.15 2.5 MECHANICAL SPECIFICATIONS Marking Resistance to Solvents: Permanency testing per MIL-STD- 202, Method 215 Solderability: Per MIL-STD-202, Method 208E Body: High alumina, epoxy coated (Flammability UL94 V-0) Terminals: Phosphorus-bronze, solder plated Marking: Pin #1 identifier, DALE or D, Part number (abbreviated as space allows), Date code * Pb containing terminations are not RoHS compliant, exemptions may apply GLOBAL PART NUMBER INFORMATION New Global Part Numbering: 20108D1C103K5P (preferred part numbering format) 201 08 D1 C 1 0 3 K 5 P __ _P GLOBAL MODEL PIN COUNT PACKAGE HEIGHT SCHEMATIC CHARACTERISTIC CAPACITANCE VALUE TOLERANCE VOLTAGE PACKAGING SPECIAL 201 = CS201 04 = 4 Pin 08 = 8 Pin 18 = 18 Pin D = “D” Profile 1 3 4 0 = Special C = COG X = X7R S = Special (in picofarads) 2 digit significant figure, followed by a multiplier 330 = 33 pF 392 = 3900 pF 104 = 0.1 µF K = ± 10 % M = ± 20 % S = Special 5 = 50V S = Special E = Lead (Pb)-free, Bulk P = Tin/Lead, Bulk Blank = Standard (Dash Number) (up to 3 digits) From 1-999 as applicable Historical Part Number example: CS20108D1C103K5 (will continue to be accepted) CS201 08 D 1C 103 K5 P03 HISTORICAL MODEL PIN COUNT PACKAGE HEIGHT SCHEMATIC CHARACTERISTIC CAPACITANCE VALUE TOLERANCE VOLTAGE PACKAGING |
Número de pieza similar - CS20108D4S103M5E |
|
Descripción similar - CS20108D4S103M5E |