|
| LM317M |
|
||
|
FAIRCHILD |
|
6 page
LM317M 6 Mechanical Dimensions Package Dimensions in millimeters 6.60 ±0.20 2.30 ±0.10 0.50 ±0.10 5.34 ±0.30 0.76 ±0.10 0.50 ±0.10 1.02 ±0.20 2.30 ±0.20 6.60 ±0.20 0.76 ±0.10 (5.34) (1.50) (2XR0.25) (5.04) 2.30TYP [2.30 ±0.20] 2.30TYP [2.30 ±0.20] MAX0.96 (4.34) (0.50) (0.50) D-PAK |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| LM317 | 3-Terminal Positive Adjustable Regulator | 1 2 3 4 5 | Fairchild Semiconductor |
| LM317L | 3-Terminal 0.1A Positive Adjustable Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| LM317 | 3-Terminal Adjustable Output Positive Voltage Regulators | 1 2 3 4 5 More | Vishay Siliconix |
| LM317CM | 3-Terminal Adjustable Output Positive Voltage Regulators | 1 2 3 4 5 More | Vishay Siliconix |
| LM317L | ADJUSTABLE VOLTAGE REGULATOR POSITIVE | 1 2 3 | HTC Korea TAEJIN Technology Co. |
| LP38853 | 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start | Coming Soon | National Semiconductor |
| LM5574 | 75V 0.5A Step-Down Switching Regulator | Coming Soon | National Semiconductor |
| NCV8512 | 5.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Monitor FLAG | 1 2 3 4 5 More | ON Semiconductor |
| LM25574 | 42V 0.5A Step-Down Switching Regulator | Coming Soon | National Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |