Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT150021LWI-GT3 Datasheet(PDF) 6 Page - Catalyst Semiconductor

No. de pieza CAT150021LWI-GT3
Descripción Electrónicos  Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT150021LWI-GT3 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT150021LWI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT15002, CAT15004
Doc. No. 1126 Rev. A
6
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 2 shows the maximum pulse duration of
negative-going VCC transients that do not cause a reset
condition. As the amplitude of the transient goes further
below the threshold (increasing VTH - VCC), the
maximum pulse duration decreases. In this test, the
VCC starts from an initial voltage of 0.5V above the
threshold and drops below it by the amplitude of the
overdrive voltage (VTH - VCC).
EMBEDDED EEPROM DESCRIPTION
The CAT15002/04 devices support the Serial Peripheral
Interface (SPI) bus protocol, modes (0,0) and (1,1). The
device contains an 8-bit instruction register. The
instruction set and associated op-codes are listed in
Table 1.
Reading data stored in the CAT15002/04 is accom–
plished by simply providing the READ command and an
address. Writing to the CAT15002/04, in addition to a
WRITE command, address and data, also requires
enabling the device for writing by first setting certain bits
in a Status Register, as will be explained later.
After a high to low transition on the CS
¯¯ input pin, the
CAT15002/04 will accept any one of the six instruction
op-codes listed in Table 1 and will ignore all other
possible
8-bit
combinations.
The
communication
protocol follows the timing from Figure 3.
Figure 2. Maximum Transient Duration without
Causing a Reset Pulse vs. Overdrive Voltage
Table 1: Instruction Set
Instruction
Opcode
Operation
WREN
0000 0110 Enable Write Operations
WRDI
0000 0100 Disable Write Operations
RDSR
0000 0101 Read Status Register
WRSR
0000 0001 Write Status Register
READ
0000 x011
Read Data from Memory
WRITE
0000 x010
Write Data to Memory
Note:
x = 0 for CAT15002,
x = A8 for CAT15004
Figure 3. Synchronous Data Timing
Note: Dashed Line = mode (1, 1) - - - - - -
VALID IN
VIH
VIL
tCSS
VIH
VIL
VIH
VIL
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
CS
SCK
SI
SO
tRI
tFI
RESET OVERDRIVE VTH - VCC [mV]
TAMB = 25ºC
CAT150xxM
CAT150xxZ


Número de pieza similar - CAT150021LWI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT150021LWI-GT3 ONSEMI-CAT150021LWI-GT3 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
More results

Descripción similar - CAT150021LWI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT15002 ONSEMI-CAT15002 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com