Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT140081TWI-GT3 Datasheet(PDF) 6 Page - Catalyst Semiconductor

No. de pieza CAT140081TWI-GT3
Descripción Electrónicos  Voltage Supervisor with I2C Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT140081TWI-GT3 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT140081TWI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT140081TWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT140081TWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT140081TWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT140081TWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT140081TWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT140081TWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT140081TWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT140081TWI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT140xx
Doc. No. 1117 Rev. A
6
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
EMBEDDED EEPROM OPERATION
The CAT140xx supports the Inter-Integrated Circuit
(I
2C) Bus data transmission protocol, which defines a
device that sends data to the bus as a transmitter and
a device receiving data as a receiver. Data flow is
controlled by a Master device, which generates the
serial clock and all START and STOP conditions. The
CAT140xx acts as a Slave device. Master and Slave
alternate as either transmitter or receiver.
I
2C BUS PROTOCOL
The I
2C bus consists of two ‘wires’, SCL and SDA.
The two wires are connected to the VCC supply via
pull-up resistors. Master and Slave devices connect to
the 2-wire bus via their respective SCL and SDA pins.
The transmitting device pulls down the SDA line to
‘transmit’ a ‘0’ and releases it to ‘transmit’ a ‘1’.
Data transfer may be initiated only when the bus is not
busy (see A.C. Characteristics).
During data transfer, the SDA line must remain stable
while the SCL line is HIGH. An SDA transition while
SCL is HIGH will be interpreted as a START or STOP
condition (Figure 3). The START condition precedes
all commands. It consists of a HIGH to LOW transition
on SDA while SCL is HIGH. The START acts as a
‘wake-up’ call to all receivers. Absent a START, a
Slave will not respond to commands. The STOP
condition completes all commands. It consists of a
LOW to HIGH transition on SDA while SCL is HIGH.
START
The START condition precedes all commands.
It consists of a HIGH to LOW transition on SDA while
SCL is HIGH. The START acts as a ‘wake-up’ call to
all receivers. Absent a START, a Slave will not
respond to commands.
STOP
The STOP condition completes all commands.
It consists of a LOW to HIGH transition on SDA while
SCL is HIGH. The STOP starts the internal Write cycle
(when following a Write command) or sends the
Slave into standby mode (when following a Read
command).
Device Addressing
The Master initiates data transfer by creating a
START condition on the bus. The Master then
broadcasts an 8-bit serial Slave address. For normal
Read/Write operations, the first 4 bits of the Slave
address are fixed at 1010 (Ah). The next 3 bits are
used as programmable address bits when cascading
multiple devices and/or as internal address bits. The
last bit of the slave address, R/W, specifies whether a
Read (1) or Write (0) operation is to be performed.
The 3 address space extension bits are assigned as
illustrated in Figure 4. A2, A1 and A0 must match the
state of the external address pins, and a10, a9 and a8
are internal address bits.
Acknowledge
After processing the Slave address, the Slave
responds with an acknowledge (ACK) by pulling down
the SDA line during the 9
th clock cycle (Figure 5). The
Slave will also acknowledge the address byte and
every data byte presented in Write mode. In Read
mode the Slave shifts out a data byte, and then
releases the SDA line during the 9
th clock cycle. As
long as the Master acknowledges the data, the Slave
will continue transmitting. The Master terminates the
session by not acknowledging the last data byte
(NoACK) and by issuing a STOP condition. Bus timing
is illustrated in Figure 6.


Número de pieza similar - CAT140081TWI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT140081TWI-GT3 ONSEMI-CAT140081TWI-GT3 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
More results

Descripción similar - CAT140081TWI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com