|
| ULN2003A |
|
||
|
ALLEGRO |
|
6 page
2003 THRU 2024 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 TYPICAL APPLICATIONS Dwg. No. A-9652 Dwg. No. A-9654A +VSS PMOS OUTPUT +V +V 16 15 14 13 12 611 710 89 1 2 3 4 5 200 Ω CMOS OUTPUT +V 16 15 14 13 12 611 710 89 1 2 3 4 5 +VDD 200 Ω 2N4901 0.5 Dwg. GP-067 1.0 2.0 1.5 COLLECTOR-EMITTER SATURATION VOLTAGE 0 600 400 200 0 ALLOWABLE COLLECTOR CURRENT AS A FUNCTION OF DUTY CYCLE (Dual In-line-Packaged Devices, Suffix ‘A’) 200 Dwg. GP-068 400 600 INPUT CURRENT IN µA 0 600 400 200 0 M AX . R EQ 'D IN PU T C UR RE NT COLLECTOR CURRENT AS A FUNCTION OF INPUT CURRENT SATURATION VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT 20 Dwg. GP-070 40 100 80 DUTY CYCLE IN PER CENT 0 600 400 200 0 60 7 2 3 4 5 6 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY 1 TA = +70 °C RθJA = 60 °C/W 20 Dwg. GP-044A 40 100 80 DUTY CYCLE IN PER CENT 0 600 400 200 0 60 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY TA = +70 °C RθJA = 90 °C/W 7 6 5 4 3 2 (Small-Outline-Packaged Devices, Suffix ‘L’) |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| UNL2803 | High-Voltage High-Current Darlington Arrays | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| ULN2803 | EIGHT DARLINGTON ARRAYS | 1 2 3 4 5 More | Unisonic Technologies |
| ULN2801A | EIGHT DARLINGTON ARRAYS | 1 2 3 4 5 More | STMicroelectronics |
| OPA544 | High-Voltage High-Current OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| BDT64 | SILICON DARLINGTON POWER TRANSISTORS | 1 2 3 4 5 More | NXP Semiconductors |
| 2SC6040 | High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications | 1 2 3 4 5 | Toshiba Semiconductor |
| VSC7121 | Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays | 1 2 3 4 5 More | Vitesse Semiconductor Corporation |
| ADA-4743 | Silicon Bipolar Darlington Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| ECN2102 | HIGH-VOLTAGE MONOLITHIC IC | 1 2 3 4 5 More | Hitachi Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |