Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM185BE Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM185BE
Descripción Electrónicos  MICROCIRCUIT DATA SHEET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM185BE Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM185BE Datasheet HTML 1Page - National Semiconductor (TI) LM185BE Datasheet HTML 2Page - National Semiconductor (TI) LM185BE Datasheet HTML 3Page - National Semiconductor (TI) LM185BE Datasheet HTML 4Page - National Semiconductor (TI) LM185BE Datasheet HTML 5Page - National Semiconductor (TI) LM185BE Datasheet HTML 6Page - National Semiconductor (TI) LM185BE Datasheet HTML 7Page - National Semiconductor (TI) LM185BE Datasheet HTML 8Page - National Semiconductor (TI) LM185BE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MNLM185B-X REV 0B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
If
Feedback Current
Ir = 9uA
20
nA
1
Ir = 10uA
25
nA
2, 3
Ir = 20mA
20
nA
1
25
nA
2, 3
Vr = 5.3V, Ir = 45uA
20
nA
1
Vr = 5.3V, Ir = 50uA
25
nA
2, 3
Vr = 5.3V, Ir = 20mA
20
nA
1
25
nA
2, 3
Ic
Minimum Operating
Current
Vr = Vref
1
9
uA
1
1
10
uA
2, 3
Vr = 5.3V
1
45
uA
1
1
50
uA
2, 3
Note 1:
Functional Test.
5


Número de pieza similar - LM185BE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM185BE/883 NSC-LM185BE/883 Datasheet
747Kb / 14P
   Adjustable Micropower Voltage References
LM185BE/883 NSC-LM185BE/883 Datasheet
723Kb / 14P
   Adjustable Micropower Voltage References
LM185BE/883 NSC-LM185BE/883 Datasheet
713Kb / 15P
   Adjustable Micropower Voltage References
More results

Descripción similar - LM185BE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
5962-9958101QXC TI-5962-9958101QXC Datasheet
53Kb / 17P
[Old version datasheet]   MICROCIRCUIT DATA SHEET
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
   Data Sheet
logo
List of Unclassifed Man...
AD7890ARZ-10 ETC2-AD7890ARZ-10 Datasheet
122Kb / 17P
   STANDARD MICROCIRCUIT DRAWING
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MC9S12NE64V1 FREESCALE-MC9S12NE64V1 Datasheet
3Mb / 554P
   MC9S12NE64V1 Data Sheet
logo
Murata Manufacturing Co...
GRM188F51E474ZA01D MURATA-GRM188F51E474ZA01D Datasheet
43Kb / 1P
   Capacitor data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com