Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13028A Datasheet(PDF) 9 Page - Motorola, Inc

No. de pieza MC13028A
Descripción Electrónicos  C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13028A Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC13028A Datasheet HTML 5Page - Motorola, Inc MC13028A Datasheet HTML 6Page - Motorola, Inc MC13028A Datasheet HTML 7Page - Motorola, Inc MC13028A Datasheet HTML 8Page - Motorola, Inc MC13028A Datasheet HTML 9Page - Motorola, Inc MC13028A Datasheet HTML 10Page - Motorola, Inc MC13028A Datasheet HTML 11Page - Motorola, Inc MC13028A Datasheet HTML 12Page - Motorola, Inc MC13028A Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MC13028A
9
MOTOROLA ANALOG IC DEVICE DATA
The phase locked loop (PLL) in the MC13028A is locked to
the L–R signal. This insures good stereo distortion
performance at the higher levels of left only or right only
modulations. Under normal operating conditions, the PLL
remains locked because of the current flow capability of the
loop driver circuit. This high gain, high impedance circuit
performs optimally when the current flow is balanced. The
balanced condition is enhanced by the loop driver filter circuit
connected between Pin 14 and ground. The filter circuit
consists of a 47
Ω resistor in series with a 47 µF capacitor. The
47
Ω resistor is to set the Fast Lock rate. It is recommended
that the capacitor be a very low leakage type electrolytic, or a
tantalum composition part because any significant amount of
leakage current flowing through the capacitor will unbalance
the loop driver circuit and result in less than optimum stereo
performance, see Figures 10 and 11.
The pilot tone detector circuit is fed internally from the Q
detector output signal. The circuit input employs a low pass
filter at Pin 11 that is designed to prevent the pilot tone
detector input from being overloaded by higher levels of L–R
modulation. The filter is formed by a 0.22
µF capacitor and
the input impedance of the first amplifier. A pilot I detector
circuit employs a capacitor to ground at Pin 9 to operate in
conjunction with an internal resistor to create an RC
integration time. The value of the capacitor determines the
amount of time required to produce a stereo indication. This
amount must include the time it takes to check for the
presence of detector falsing due to noise or interference,
station retuning by the customer, and pilot dropout in the
presence of heavy interference. The pilot Q detector utilizes
a filter on its pilot tone PLL error line at Pin 10. This capacitor
to ground (usually 0.47
µF) is present to filter any low
frequency L–R information that may be present on the error
line. If the value of this capacitor is allowed to be too small,
L–R modulation ripple on the error line may get large enough
to cause stereo dropout. If the capacitor value is made too
large, the pilot tone may be prevented from being reacquired
if it is somehow lost due to fluctuating field conditions.
A 1.0 V reference level is created internally from the VCC
source to the IC. This regulated line is used extensively by
circuits throughout the MC13028A design. An electrolytic
capacitor from Pin 7 to ground is used as a filter for the
reference voltage.
DISCUSSION OF GRAPHS AND FIGURES
If the general recommendations put forth in this application
guide are followed, excellent stereo performance should
result.
The curves in Figures 2 through 7 depict the separation
and the distortion performance in stereo for 30%, 50%, and
65% single channel modulations respectively. The data for
these figures were collected under the conditions of
VCC = 8.0 V and RO = 10 k in both the left and the right
channels as applied to the application circuit of Figure 1. A
very precise laboratory generator was used to produce the
AM Stereo test signal of 450 kHz at 70 dB
µV fed to Pin 4. An
NRSC post detection filter was not present at the time of
these measurements. The audio separation shows an
average performance at 30% and 50% modulations of
– 45 dB in the frequency range of 2.0 kHz to 5.0 kHz. The
corresponding audio distortions under these conditions are
about 0.28% at 30% modulation, and about 0.41% at 50%
modulation.
Figure 6 shows that the typical separation at 65%
modulation in the 2.0 kHz to 5.0 kHz region is about – 37 dB,
and the corresponding audio distortion shown in Figure 7 is
about 1.0%. The performance level of these sinusoidal
signals is somewhat less than those discussed in the
previous paragraph due to the internal operation of the
clamping circuits. In the field, the transmitters at AM Stereo
radio stations are not usually permitted to modulate single
channel levels past 70%. Therefore these conditions do not
occur very often during normal broadcast material.
The roll–off at both the low and high frequencies of the
30% single channel driven responses is due to the fact that a
post detection bandpass filter of 60 Hz to 10 kHz was used in
the measurement of the data, while a post detection filter of
2.0 Hz to 20 kHz was used for the collection of data in the
50% and 65% modulation examples. The tighter bandwidth
was used while collecting the performance data at 30%
modulation levels in order to assure that the distortion
measurement was indicative of the true distortion products
measured near the noise floor and thus not encumbered by
residual noise and hum levels which would erroneously add
to the magnitude of the harmonic distortion data. Note in
Figure 8 the traces of noise response for the four different
bandwidths of post detection filtering. It can be seen that the
noise floors improve steadily with increasing levels of
incoming 450 kHz as the value of the lower corner frequency
of the filter is increased. Data for the stereo noise floors was
collected with the decoder in the forced stereo mode.


Número de pieza similar - MC13028A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022ADW MOTOROLA-MC13022ADW Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022AP MOTOROLA-MC13022AP Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13027 MOTOROLA-MC13027 Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
More results

Descripción similar - MC13028A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8120P TOSHIBA-TA8120P Datasheet
1Mb / 16P
   C-QUAM AM STEREO DECODER
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
logo
Burr-Brown (TI)
AFEDRI8201 BURR-BROWN-AFEDRI8201 Datasheet
240Kb / 22P
   IF ADC Front End for AM/FM and HD Radios
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
ADAV4622BSTZ AD-ADAV4622BSTZ Datasheet
711Kb / 28P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
REV. B
logo
Sanyo Semicon Device
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
logo
TOKO, Inc
TK14552V TOKO-TK14552V Datasheet
263Kb / 2P
   Wide band AM / ASK IF IC for ETC
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com