|
| AN78XX |
|
||
|
PANASONIC |
|
6 page
AN78xx/AN78xxF Series Voltage Regulators 6 I Electrical Characteristics at Ta = 25°C (continued) • AN7815, 7815F (15V type) V V mV mV mV mV mA mA mA µV dB V m Ω mA A mV/ °C 15.6 15 Tj = 25°C VI = 18 to 30V, IO = 5mA to 1A, Tj = 0 to 125°C, PD ≤ * 300 11 VI = 17.5 to 30V, Tj = 25°C 12 IO = 5mA to 1.5A, Tj = 25°C IO = 250 to 750mA, Tj = 25°C VI = 20 to 26V, Tj = 25°C 4 Tj = 25°C 3 VI = 17.5 to 30V, Tj = 25°C 90 IO = 5mA to 1A, Tj = 25°C f = 10Hz to 100kHz 0.5 150 15.75 300 150 8 1 54 14.4 14.25 VI = 18.5 to 28.5V, f = 120Hz 2 IO = 1A, Tj = 25°C 19 700 f = 1kHz 2 VI = 30V, Tj = 25°C 4 Tj = 25°C −1 IO = 5mA, Tj = 0 to 125°C Parameter Symbol Conditions Min Typ Max Output voltage Output voltage tolerance Line regulation Load regulation Bias current Bias current fluctuation to input Bias current fluctuation to load Output noise voltage Ripple rejection ratio Minimum input/output voltage difference Output impedance Output short-circuit current Peak output current Output voltage temperature coefficient Unit VO VO REGIN REGL IBias ∆IBias(IN) ∆IBias(L) Vno RR VDIF(min) ZO IO(Short) IO(Peak) ∆VO/Ta Note 1) The specified condition Tj = 25°C means that the test should be carried out within so short a test time (within 10ms) that the characteristic value drift due to the chip junction temperature rise can be ignored. Note 2) Unless otherwise specified, VI = 23V, IO = 500mA, CI = 0.33µF and CO = 0.1µF. * AN78xx series: 15W, AN78xxF series: 10.25W • AN7818, 7818F (18V type) VO V VO V REGIN mV mV REGL mV mV mA IBias mA ∆IBias(IN) mA ∆IBias(L) µV Vno dB RR V VDIF(min) m Ω ZO mA IO(Short) A IO(Peak) mV/ °C ∆VO/Ta 18.7 18 Tj = 25°C VI = 21 to 33V, IO = 5mA to 1A, Tj = 0 to 125°C, PD ≤ * 360 14 VI = 21 to 33V, Tj = 25°C 12 IO = 5mA to 1.5A, Tj = 25°C IO = 250 to 750mA, Tj = 25°C VI = 24 to 30V, Tj = 25°C 4.1 Tj = 25°C 4 VI = 21 to 33V, Tj = 25°C 110 IO = 5mA to 1A, Tj = 25°C f = 10Hz to 100kHz 1 0.5 180 18.9 360 180 8 53 17.3 17.1 VI = 22 to 32V, IO = 100mA, f = 120Hz 2 IO = 1A, Tj = 25°C 16 700 f = 1kHz 2 VI = 35V, Tj = 25°C 4 Tj = 25°C −1.1 IO = 5mA, Tj = 0 to 125°C Parameter Symbol Conditions Min Typ Max Output voltage Output voltage tolerance Line regulation Load regulation Bias current Bias current fluctuation to input Bias current fluctuation to load Output noise voltage Ripple rejection ratio Minimum input/output voltage difference Output impedance Output short-circuit current Peak output current Output voltage temperature coefficient Unit Note 1) The specified condition Tj = 25°C means that the test should be carried out within so short a test time (within 10ms) that the characteristic value drift due to the chip junction temperature rise can be ignored. Note 2) Unless otherwise specified, VI = 27V, IO = 500mA, CI = 0.33µF and CO = 0.1µF. * AN78xx series: 15W, AN78xxF series: 10.25W |