Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7FL15F1MARE Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza ST7FL15F1MARE
Descripción Electrónicos  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL15F1MARE Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7FL15F1MARE Datasheet HTML 7Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 8Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 9Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 10Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 11Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 12Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 13Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 14Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 138 page
background image
ST7L15, ST7L19
11/138
FLASH PROGRAM MEMORY (cont’d)
4.4 ICC INTERFACE
ICP needs a minimum of four and up to six pins to
be connected to the programming tool. These pins
are:
– RESET: Device reset
–VSS: Device power supply ground
– ICCCLK: ICC output serial clock pin
– ICCDATA: ICC input serial data pin
– OSC1: Main clock input for external source
(not required on devices without OSC1/OSC2
pins)
–VDD: Application board power supply (option-
al, see Note 3)
Figure 4. Typical ICC Interface
Notes:
1. If the ICCCLK or ICCDATA pins are only used as out-
puts in the application, no signal isolation is necessary. As
soon as the Programming Tool is plugged to the board,
even if an ICC session is not in progress, the ICCCLK and
ICCDATA pins are not available for the application. If they
are used as inputs by the application, isolation such as a
serial resistor must be implemented in case another de-
vice forces the signal. Refer to the Programming Tool
documentation for recommended resistor values.
2. During the ICP session, the programming tool must
control the RESET pin. This can lead to conflicts between
the programming tool and the application reset circuit if it
drives more than 5mA at high level (push-pull output or
pull-up resistor < 1K). A schottky diode can be used to
isolate the application RESET circuit in this case. When
using a classical RC network with R > 1K or a reset man-
agement
IC
with
open
drain
output
and
pull-up
resistor > 1K, no additional components are needed. In all
cases the user must ensure that no external reset is gen-
erated by the application during the ICC session.
3. The use of pin 7 of the ICC connector depends on the
Programming Tool architecture. This pin must be con-
nected when using most ST Programming Tools (it is
used to monitor the application power supply). Please re-
fer to the Programming Tool Manual.
4. Pin 9 must be connected to the OSC1 pin of the ST7
when the clock is not available in the application or if the
selected clock option is not programmed in the option
byte. On ST7 devices with multi-oscillator capability,
OSC2 must be grounded in this case.
5. In 38-pulse ICC mode, the internal RC oscillator is
forced as a clock source, regardless of the selection in the
option byte. For ST7L1 devices which do not support the
internal RC oscillator, the “option byte disabled” mode
must be used (35-pulse ICC mode entry, clock provided
by the tool).
Caution: During normal operation the ICCCLK pin
must be pulled up, internally or externally (external
pull-up of 10k mandatory in noisy environment).
This is to avoid entering ICC mode unexpectedly
during a reset. In the application, even if the pin is
configured as output, any reset puts it back in input
pull-up.
ICC CONNECTOR
HE10 CONNECTOR TYPE
APPLICATION
POWER SUPPLY
1
2
4
6
8
10
97
5
3
PROGRAMMING TOOL
ICC CONNECTOR
APPLICATION BOARD
ICC Cable
(See Note 3)
ST7
CL2
CL1
OPTIONAL
See Note 1
See Note 1 and Caution
See Note 2
APPLICATION
RESET SOURCE
APPLICATION
I/O
(See Note 4)
1


Número de pieza similar - ST7FL15F1MARE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST7FL05Y0MA STMICROELECTRONICS-ST7FL05Y0MA Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FL05Y0MB STMICROELECTRONICS-ST7FL05Y0MB Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FL09Y0MA STMICROELECTRONICS-ST7FL09Y0MA Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FL09Y0MB STMICROELECTRONICS-ST7FL09Y0MB Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FLCD1 STMICROELECTRONICS-ST7FLCD1 Datasheet
633Kb / 95P
   8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
More results

Descripción similar - ST7FL15F1MARE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7FLIT15BF1M6 STMICROELECTRONICS-ST7FLIT15BF1M6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com