Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK100-50DL Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza BUK100-50DL
Descripción Electrónicos  PowerMOS transistor Logic level TOPFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK100-50DL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK100-50DL Datasheet HTML 2Page - NXP Semiconductors BUK100-50DL Datasheet HTML 3Page - NXP Semiconductors BUK100-50DL Datasheet HTML 4Page - NXP Semiconductors BUK100-50DL Datasheet HTML 5Page - NXP Semiconductors BUK100-50DL Datasheet HTML 6Page - NXP Semiconductors BUK100-50DL Datasheet HTML 7Page - NXP Semiconductors BUK100-50DL Datasheet HTML 8Page - NXP Semiconductors BUK100-50DL Datasheet HTML 9Page - NXP Semiconductors BUK100-50DL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK100-50DL
Logic level TOPFET
Fig.18. Normalised limiting clamping energy.
E
DSM% = f(Tmb); conditions: ID = 15 A; VIS = 5 V
Fig.19. Clamping energy test circuit, R
IS = 50 Ω.
Fig.20. Typical off-state leakage current.
I
DSS = f(Tj); Conditions: VDS = 40 V; IIS = 0 V.
Fig.21. Normalised input currents (normal & latched).
I
ISO/IISO25˚C & IISL/IISL25˚C = f(Tj); VIS = 5 V
0
20
40
60
80
100
120
140
Tmb / C
EDSM%
120
110
100
90
80
70
60
50
40
30
20
10
0
0
20
40
60
80
100
120
140
Tj / C
Idss
1 mA
100 uA
10 uA
1 uA
100 nA
typ.
-60
-20
20
60
100
140
180
Tj / C
Iiso & Iisl normalised to 25 C
1.5
1
0.5
L
D.U.T.
VDD
RIS
R 01
VDS
-ID/100
+
-
shunt
VIS
0
P
D
S
I
TOPFET
ID
0
VDS
0
VDD
V(CL)DSS
Schottky
E
DSM = 0.5 ⋅ LID
2
⋅ V
(CL)DSS/(V(CL)DSS − VDD)
November 1996
8
Rev 1.200


Número de pieza similar - BUK100-50DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
More results

Descripción similar - BUK100-50DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com