Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC13201 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc |
|
MC13201 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc |
7 / 26 page MC13201 Technical Data, Rev. 1.0, Freescale Semiconductor 7 5 Electrical Characteristics 5.1 Maximum Ratings 5.2 Recommended Operating Conditions Table 1. Maximum Ratings Rating Symbol Value Unit Power Supply Voltage VBATT, VDDINT -0.3 to 3.6 Vdc Digital Input Voltage Vin -0.3 to (VDDINT + 0.3) RF Input Power Pmax 10 dBm Junction Temperature TJ 125 °C Storage Temperature Range Tstg -55 to 125 °C Note: Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in the Electrical Characteristics or Recommended Operating Conditions tables. Note: Meets Human Body Model (HBM) = 2 kV. RF input/output pins have no ESD protection. Table 2. Recommended Operating Conditions Characteristic Symbol Min Typ Max Unit Power Supply Voltage (VBATT = VDDINT) 1 1 If the supply voltage is produced by a switching DC-DC converter, ripple should be less than 100 mV peak-to-peak. VBATT, VDDINT 2.0 2.7 3.4 Vdc Input Frequency fin 2.405 - 2.480 GHz Ambient Temperature Range TA -40 25 85 °C Logic Input Voltage Low VIL 0- 30% VDDINT V Logic Input Voltage High VIH 70% VDDINT -VDDINT V SPI Clock Rate fSPI -- 8.0 MHz RF Input Power Pmax -- 10 dBm Crystal Reference Oscillator Frequency (±40 ppm over operating conditions to meet the 802.15.4 Standard.) fref 16 MHz Only |
Número de pieza similar - MC13201 |
|
Descripción similar - MC13201 |