Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK101-50DL Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK101-50DL
Descripción Electrónicos  PowerMOS transistor Logic level TOPFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK101-50DL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK101-50DL Datasheet HTML 2Page - NXP Semiconductors BUK101-50DL Datasheet HTML 3Page - NXP Semiconductors BUK101-50DL Datasheet HTML 4Page - NXP Semiconductors BUK101-50DL Datasheet HTML 5Page - NXP Semiconductors BUK101-50DL Datasheet HTML 6Page - NXP Semiconductors BUK101-50DL Datasheet HTML 7Page - NXP Semiconductors BUK101-50DL Datasheet HTML 8Page - NXP Semiconductors BUK101-50DL Datasheet HTML 9Page - NXP Semiconductors BUK101-50DL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK101-50DL
Logic level TOPFET
Fig.6. Typical on-state characteristics, T
j = 25 ˚C.
ID = f(V
DS); parameter VIS; tp = 2 ms
Fig.7. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VIS; tp = 2 ms
Fig.8. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 13 A; VIS = 5 V
Fig.9. Typical overload protection characteristics.
t
d sc = f(PDS); conditions: VIS ≥ 4 V; Tj = 25 ˚C.
Fig.10. Normalised limiting overload dissipation.
P
DSM% =100⋅PDSM/PDSM(25 ˚C) = f(Tmb)
Fig.11. Typical overload protection characteristics.
Conditions: V
DD = 13 V; VIS = 5 V; SC load = 30 mΩ
0
2
4
VDS / V
ID / A
BUK101-50DL
50
40
30
20
10
0
13
5
VIS / V =
6
5.5
5
4.5
4
3.5
3
0.1
1
10
PDS / kW
td sc / ms
BUK101-50DL
100
10
1
0.1
PDSM
0
20
40
ID / A
RDS / mOhm
BUK101-50DL
120
100
80
60
40
20
0
VIS / V =
4.5
5
5.5
6
4
3.5
-60
-40
-20
0
20
40
60
80
100
120
140
Tmb / C
PDSM%
120
100
80
60
40
20
0
-60
-40
-20
0
20
40
60
80
100 120 140
Tj / C
a
Normalised RDS(ON) = f(Tj)
1.5
1.0
0.5
0
-60
-20
20
60
100
140
180
220
Tmb / C
BUK101-50DL
1
0.5
0
Energy / J
Time / ms
Tj(TO)
Energy & Time
April 1993
6
Rev 1.100


Número de pieza similar - BUK101-50DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK101-50GL NXP-BUK101-50GL Datasheet
90Kb / 11P
   PowerMOS transistor
January 1993 Rev 2.600
More results

Descripción similar - BUK101-50DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com