Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST173C12CDH1P Datasheet(PDF) 7 Page - International Rectifier |
|
ST173C12CDH1P Datasheet(HTML) 7 Page - International Rectifier |
7 / 9 page ST173CPbF Series 7 Bulletin I25233 10/06 www.irf.com Fig. 9 - On-state Voltage Drop Characteristics Fig. 10 - Thermal Impedance Z thJ-hs Characteris- tics Fig. 11 - Reverse Recovered Charge Characteristics Fig. 12 - Reverse Recovery Current Characteristics Fig. 13 - Frequency Characteristics 100 1000 10000 11.522.5 33.544.5 T = 25°C InstantaneousOn-state Voltage (V) T = 125°C J ST173C..C Series J 0 50 100 150 200 250 0 20 406080 100 I = 500 A 300 A 200 A 100 A 50 A Rate Of Fall Of On-state Current - di/ dt (A/ µs) ST173C..C Series T = 125 °C J TM 0.001 0.01 0.1 1 0.001 0.01 0.1 1 10 Square Wave Pulse Duration (s) ST173C..C Series Steady State Value R = 0.17 K/ W (Single Side Cooled) R = 0.08 K/ W (Double Side Cooled) (DC Operation) thJ-hs thJ-hs 1E2 1E3 1E4 1E11E2 1E31E4 50 Hz 400 2500 100 Pulse Basewidth (µs) 1000 1500 3000 200 500 5000 ST173C..C Series Sinusoida l pulse T = 40°C C Snubber circ uit R = 47 ohms C = 0.22 µF V = 80% V s s D DRM tp 1E4 1E1 1E2 1E3 1E4 50 Hz 400 2500 100 Pulse Basewidth (µs) 1000 1500 3000 200 500 5000 ST173C..C Series Sinusoid al pulse T = 55°C C Snub ber c ircuit R = 47 ohms C = 0.22 µF V = 80%V s s D DRM tp 1E1 0 20 40 60 80 100 120 140 160 0 20406080 100 Rate Of Fall Of Forward Current - di/ dt (A/ µs) I = 500 A 300 A 200 A 100 A 50 A ST173C..C Series T = 125 °C J TM |
Número de pieza similar - ST173C12CDH1P |
|
Descripción similar - ST173C12CDH1P |