Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK104-50LP Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BUK104-50LP
Descripción Electrónicos  PowerMOS transistor Logic level TOPFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK104-50LP Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK104-50LP Datasheet HTML 1Page - NXP Semiconductors BUK104-50LP Datasheet HTML 2Page - NXP Semiconductors BUK104-50LP Datasheet HTML 3Page - NXP Semiconductors BUK104-50LP Datasheet HTML 4Page - NXP Semiconductors BUK104-50LP Datasheet HTML 5Page - NXP Semiconductors BUK104-50LP Datasheet HTML 6Page - NXP Semiconductors BUK104-50LP Datasheet HTML 7Page - NXP Semiconductors BUK104-50LP Datasheet HTML 8Page - NXP Semiconductors BUK104-50LP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK104-50L/S
Logic level TOPFET
BUK104-50LP/SP
OVERVOLTAGE CLAMPING LIMITING VALUES
At a drain source voltage above 50 V the power MOSFET is actively turned on to clamp overvoltage transients.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
I
DRRM
Repetitive peak clamping drain current R
IS ≥ 100 Ω
1
-15
A
E
DSM
Non-repetitive inductive turn-off
I
DM = 15 A; RIS ≥ 100 Ω
-
200
mJ
energy
2
E
DRM
Repetitive inductive turn-off energy
R
IS ≥ 100 Ω; Tmb ≤ 95 ˚C;
-
20
mJ
I
DM = 4 A; VDD ≤ 20 V;
f = 250 Hz
I
DIRM
Repetitive peak drain to input current
3
R
IS = 0 Ω; tp ≤ 1 ms
-
50
mA
REVERSE DIODE LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
I
S
Continuous forward current
T
mb = 25 ˚C;
-
15
A
V
IS = VPS = VFS = 0 V
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Thermal resistance
R
th j-mb
Junction to mounting base
-
-
2.5
3.1
K/W
R
th j-a
Junction to ambient
in free air
-
60
-
K/W
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(CL)DSR
Drain-source clamping voltage
R
IS = 100 Ω; ID = 10 mA
50
-
65
V
V
(CL)DSR
Drain-source clamping voltage
R
IS = 100 Ω; IDM = 1 A; tp ≤ 300 µs;
50
-
70
V
δ ≤ 0.01
I
DSS
Zero input voltage drain current V
DS = 12 V; VIS = 0 V
-
0.5
10
µA
I
DSR
Drain source leakage current
V
DS = 50 V; RIS = 100 Ω;-
1
20
µA
I
DSR
Drain source leakage current
V
DS = 40 V; RIS = 100 Ω;
T
j =
125 ˚C
-
10
100
µA
R
DS(ON)
Drain-source on-state
I
DM = 7.5 A;
V
IS = 7 V
-
75
100
m
resistance
t
p ≤ 300 µs; δ ≤ 0.01
V
IS = 5 V
-
95
125
m
1 The input pin must be connected to the source pin by a specified external resistance to allow the power MOSFET gate source voltage to
become sufficiently positive for active clamping. Refer to INPUT CHARACTERISTICS.
2 While the protection supply voltage is connected, during overvoltage clamping it is possible that the overload protection may operate at
energies close to the limiting value. Refer to OVERLOAD PROTECTION CHARACTERISTICS.
3 Shorting the input to source with low resistance inhibits the internal overvoltage protection by preventing the power MOSFET gate source
voltage becoming positive.
January 1993
3
Rev 1.200


Número de pieza similar - BUK104-50LP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK104-50LP PHILIPS-BUK104-50LP Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
More results

Descripción similar - BUK104-50LP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com