Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK104-50SP Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza BUK104-50SP
Descripción Electrónicos  PowerMOS transistor Logic level TOPFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK104-50SP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BUK104-50SP Datasheet HTML 6Page - NXP Semiconductors BUK104-50SP Datasheet HTML 7Page - NXP Semiconductors BUK104-50SP Datasheet HTML 8Page - NXP Semiconductors BUK104-50SP Datasheet HTML 9Page - NXP Semiconductors BUK104-50SP Datasheet HTML 10Page - NXP Semiconductors BUK104-50SP Datasheet HTML 11Page - NXP Semiconductors BUK104-50SP Datasheet HTML 12Page - NXP Semiconductors BUK104-50SP Datasheet HTML 13Page - NXP Semiconductors BUK104-50SP Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK104-50L/S
Logic level TOPFET
BUK104-50LP/SP
Fig.28. Typical resistive load switching waveforms
R
I = RIS = 50 Ω; RL = 10 Ω; VDD = 15 V; Tj = 25 ˚C
Fig.29. External input resistances R
I and RIS,
generator voltage V
II and input voltage VIS.
Fig.30. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VIS = 0 V; f = 1 MHz
Fig.31. Typical off-state leakage current.
I
DSR = f(Tj); Conditions: VDS = 40 V; RIS = 100 Ω.
Fig.32. Normalised protection supply current.
I
PS/IPS25 ˚C = f(Tj); VPS = VPSN
0
0.5
1
time / us
VIS / V & VDS / V
BUK104-50L/S
15
10
5
0
VDS
VIS
0
20
40
60
80
100
120
140
Tj / C
Idsr
1 mA
100 uA
10 uA
1 uA
100 nA
typ.
D
S
I
TOPFET
P
F
P
VII
RI
RIS
VIS
-60
-20
20
60
100
140
180
Tj / C
Ips normalised to 25 C
1.5
1
0.5
0
20
40
VDS / V
Capacitance / pF
BUK104-50L/S
10000
1000
100
10
50
30
10
Ciss
Coss
Crss
January 1993
11
Rev 1.200


Número de pieza similar - BUK104-50SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK104-50SP PHILIPS-BUK104-50SP Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
More results

Descripción similar - BUK104-50SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com