Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CB1AHF-T-RP-24V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works) |
|
CB1AHF-T-RP-24V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works) |
2 / 4 page CB 380 Characteristics Remarks * Specifications will vary with foreign standards certification ratings. *1 All other specifications are the same as those of standard type (12V coil voltage) *2 Measurement at same location as "Initial breakdown voltage" section *3 Detection current: 10 mA *4 Wave is standard shock voltage of ±1.2 × 50µs according to JEC-212-1981 *5 Excluding contact bounce time *6 Half-wave pulse of sine wave: 11ms; detection time: 10 µs *7 Half-wave pulse of sine wave: 6ms *8 Detection time: 10 µs *9 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 61) Max. operating speed (at rated load) 15 cpm Initial insulation resistance*2 Min. 20 M Ω (at 500 V DC) Initial breakdown voltage*3 Between open contacts 500 Vrms for 1 min. Between contacts and coil 500 Vrms for 1 min. Operate time*4 (at nominal voltage) Max. 15 ms Release time (without diode)*4 (at nominal voltage) Max. 15 ms Shock resistance Functional*5 Min. 200 m/s2 {20 G} Destructive*6 Min. 1,000 m/s2 {100 G} Vibration resistance Functional*7 10 to 500Hz, Min. 44.1m/s2 {4.5G} Functional*8 10 to 2,000Hz, Min. 44.1m/s2 {4.5G} Conditions for operation, transport and storage*9 (Not freezing and condensing at low temperature) Ambient temp. –40 °C to +85°C –40°F to +185°F (Heat resistant type: –40 °C to +125°C –40°F to +257°F) Humidity 5 to 85% R.H. Unit weight Approx. 33 g 1.16 oz TYPICAL APPLICATIONS • Automotive system • ABS, Head Lamp, Air conditioner • Tracter, Combine ORDERING INFORMATION 1F R T M 12 V CB Contact arrangement Protective construction Type classification Mounting classification Coil voltage (DC) 1a: 1 Form A 1: 1 Form C 1aH: High contact capacity*1 (1 Form A) Nil: Sealed type F: Flux-resistant type Heat resistant of types Nil: Standard type T: Heat resistant type*2 Nil: Standard type D: with diode inside R: with resistor inside Nil: Quick connect type P: PC board type M:Bracket type 12, 24 V Note: Bulk pakage: 50 pcs.; Case: 200 pcs. *1 High contact capacity type is available only for “Quick connect” and 12 V. (See “1. Standard type in TYPES” Page 380) *2 Heat resistant type with high contact capacity is not available. (See “2. Heat resistant type in TYPES” Page 381) TYPES 1. Standard type Contact arrangement Mounting classification Coil voltage, V DC Part No. Sealed type Flux-resistant type 1 Form A PC board type 12V CB1a-P-12V CB1aF-P-12V 24V CB1a-P-24V CB1aF-P-24V Quick connect type 12V CB1a-12V CB1aF-12V 24V CB1a-24V CB1aF-24V Bracket type 12V CB1a-M-12V CB1aF-M-12V 24V CB1a-M-24V CB1aF-M-24V 1 Form C PC board type 12V CB1-P-12V CB1F-P-12V 24V CB1-P-24V CB1F-P-24V Quick connect type 12V CB1-12V CB1F-12V 24V CB1-24V CB1F-24V Bracket type 12V CB1-M-12V CB1F-M-12V 24V CB1-M-24V CB1F-M-24V High contact capacity (1 Form A) Quick connect type 12V CB1aH-12V CB1aHF-12V |
Número de pieza similar - CB1AHF-T-RP-24V |
|
Descripción similar - CB1AHF-T-RP-24V |