Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC2252AQD Datasheet(PDF) 8 Page - Texas Instruments |
|
TLC2252AQD Datasheet(HTML) 8 Page - Texas Instruments |
8 / 71 page TLC225x, TLC225xA Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless otherwise specified) PARAMETER TEST CONDITIONS T † TLC2252C UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VIO Input offset voltage V 25 °C 200 1500 µV VIO Input offset voltage V Full range 1750 µV αVIO Temperature coefficient of input offset voltage V 25 °C 05 µV/°C αVIO Temperature coefficient of input offset voltage V to 70 °C 0.5 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS =50 Ω VO = 0, 25 °C 0.003 µV/mo IIO Input offset current RS = 50 Ω 25 °C 0.5 60 pA IIO Input offset current Full range 100 pA IIB Input bias current 25 °C 1 60 pA IIB Input bias current Full range 100 pA – 5 – 5.3 25 °C 5 to 5.3 to VICR Common mode input voltage range |VIO |≤5mV RS =50 Ω 4 4.2 V VICR Common-mode input voltage range |VIO | ≤5 mV, RS = 50 Ω – 5 V Full range 5 to g 3.5 IO = – 20 µA 25 °C 4.98 VOM Maximum positive peak output voltage IO = 100 µA 25 °C 4.9 4.93 V VOM + Maximum positive peak output voltage IO = – 100 µA Full range 4.7 V IO = – 200 µA 25 °C 4.8 4.86 VIC = 0, IO = 50 µA 25 °C – 4.99 VIC =0 IO = 500 µA 25 °C – 4.85 – 4.91 VIC = 0, IO = 500 µA Full range – 4.85 VOM – Maximum negative peak output voltage VIC =0 IO =1 mA 25 °C – 4.7 – 4.8 V VIC = 0, IO = 1 mA Full range – 4.7 VIC =0 IO =4 mA 25 °C – 4 – 4.3 VIC = 0, IO = 4 mA Full range – 3.8 RL = 100 kΩ 25 °C 45 650 AVD Large-signal differential voltage amplification VO = ± 4 V RL = 100 kΩ Full range 10 V/mV RL = 1 MΩ 25 °C 3000 rid Differential input resistance 25 °C 1012 Ω ric Common-mode input resistance 25 °C 1012 Ω cic Common-mode input capacitance f = 10 kHz, P package 25 °C 8 pF zo Closed-loop output impedance f = 25 kHz, AV = 10 25 °C 190 Ω CMRR Common mode rejection ratio VIC = – 5 V to 2.7 V, 25 °C 75 88 dB CMRR Common-mode rejection ratio VO = 0, RS = 50 Ω Full range 75 dB kSVR Supply voltage rejection ratio ( ∆VDD± /∆VIO) VDD ± = 2.2 V to ±8 V, 25 °C 80 95 dB kSVR Supply-voltage rejection ratio ( ∆VDD± /∆VIO) VIC = 0, No load Full range 80 dB IDD Supply current VO =0 No load 25 °C 80 125 µA IDD Supply current VO = 0, No load Full range 150 µA † Full range is 0 °C to 70°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
Número de pieza similar - TLC2252AQD |
|
Descripción similar - TLC2252AQD |