Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
6N135WV Datasheet(PDF) 10 Page - Fairchild Semiconductor |
|
6N135WV Datasheet(HTML) 10 Page - Fairchild Semiconductor |
10 / 12 page 10 www.fairchildsemi.com Single-Channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.5 Ordering Information Marking Information Option Example Part Number Description S 6N135S Surface Mount Lead Bend SD 6N135SD Surface Mount; Tape and reel W 6N135W 0.4" Lead Spacing V 6N135V VDE0884 WV 6N135WV VDE0884; 0.4” lead spacing SV 6N135SV VDE0884; surface mount SDV 6N135SDV VDE0884; surface mount; tape and reel 1 2 6 4 3 5 Definitions 1Fairchild logo 2Device number 3 VDE mark (Note: Only appears on parts ordered with VDE option – See order entry table) 4Two digit year code, e.g., ‘03’ 5Two digit work week ranging from ‘01’ to ‘53’ 6 Assembly package code 2503 T1 YY XX V |
Número de pieza similar - 6N135WV |
|
Descripción similar - 6N135WV |