Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-2611S Datasheet(PDF) 11 Page - Fairchild Semiconductor |
|
HCPL-2611S Datasheet(HTML) 11 Page - Fairchild Semiconductor |
11 / 12 page 11 www.fairchildsemi.com Single-Channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.5 Marking Information 1 2 6 4 3 5 Definitions 1Fairchild logo 2Device number 3 VDE mark (Note: Only appears on parts ordered with VDE option – See order entry table) 4Two digit year code, e.g., ‘03’ 5Two digit work week ranging from ‘01’ to ‘53’ 6 Assembly package code 2601 T1 YY XX V Reflow Profile • Peak reflow temperature: 225C (package surface temperature) • Time of temperature higher than 183C for 60–150 seconds • One time soldering reflow is recommended 215 C, 10–30 s 225 C peak Time (Minute) 0 300 250 200 150 100 50 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 Time above 183C, 60–150 sec Ramp up = 3C/sec |
Número de pieza similar - HCPL-2611S |
|
Descripción similar - HCPL-2611S |