Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK111-50GL Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BUK111-50GL
Descripción Electrónicos  Logic level TOPFET SMD version of BUK112-50GL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK111-50GL Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK111-50GL Datasheet HTML 1Page - NXP Semiconductors BUK111-50GL Datasheet HTML 2Page - NXP Semiconductors BUK111-50GL Datasheet HTML 3Page - NXP Semiconductors BUK111-50GL Datasheet HTML 4Page - NXP Semiconductors BUK111-50GL Datasheet HTML 5Page - NXP Semiconductors BUK111-50GL Datasheet HTML 6Page - NXP Semiconductors BUK111-50GL Datasheet HTML 7Page - NXP Semiconductors BUK111-50GL Datasheet HTML 8Page - NXP Semiconductors BUK111-50GL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
Logic level TOPFET
BUK111-50GL
SMD version of BUK112-50GL
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Thermal resistance
R
th j-mb
Junction to mounting base
-
-
-
2.38
K/W
R
th j-a
Junction to ambient
minimum footprint FR4 PCB
-
50
-
K/W
OUTPUT CHARACTERISTICS
T
mb = 25 ˚C; VPS = 0 V unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Off-state
V
(CL)DSS
Drain-source clamping voltage
I
D = 10 mA;
-40˚C
≤ T
mb ≤ 150˚C
50
-
70
V
I
DM = 0.75 A; tp ≤ 300 µs; δ ≤ 0.01
50
60
70
V
I
DSS
Drain-source leakage current
1
V
IS = 0 V;
V
DS = 13 V
-
0.5
10
µA
V
DS = 50 V
-
1
20
µA
T
mb = 125 ˚C; VDS = 40 V
-
10
100
µA
On-state
t
p ≤ 300 µs; δ ≤ 0.01
R
DS(ON)
Drain-source on-resistance
I
DM = 6 A; VIS = 4.4 V; VPS = 4.5 V
-
70
93
m
T
mb = 150 ˚C
-
135
165
m
INPUT CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Normal operation
V
IS(TO)
Input threshold voltage
V
DS = 13 V; VPS = 0 V; ID = 1 mA
1
1.5
2
V
-40˚C
≤ T
mb ≤ 150˚C
0.5
-
2.5
V
I
IS
Input current
V
IS = 5 V
-40˚C
≤ T
mb ≤ 150˚C
200
350
500
µA
V
(CL)IS
Input clamping voltage
I
I = 1.5 mA
6
7.1
-
V
R
IG
Internal series resistance
to gate of power MOSFET
-
1.5
-
k
Overload protection latched
I
ISL
Input current
V
PS = 5 V; VIS = 5 V
1.5
3.2
4
mA
REVERSE CHARACTERISTICS
T
mb = 25 ˚C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
-V
DS
Reverse drain voltage
2
-I
D = 6 A
-
0.8
-
V
-V
IS
Reverse input voltage
-I
I = 5 mA
-
0.7
-
V
-V
PS
Reverse protection pin voltage
-I
P = 5 mA
-
0.7
-
V
-V
FS
Reverse flag voltage
-I
F = 5 mA
-
0.7
-
V
1 The drain current required for open circuit load detection is switched off when there is no protection supply, in order to ensure a low off-state
quiescent current. Refer to OPEN CIRCUIT LOAD DETECTION CHARACTERISTICS.
2 Protection functions are disabled during reverse conduction.
September 1996
3
Rev 1.000


Número de pieza similar - BUK111-50GL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK110-50GL PHILIPS-BUK110-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK110-50GS PHILIPS-BUK110-50GS Datasheet
117Kb / 11P
   PowerMOS transistor TOPFET
June 1996 Rev 1.000
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
BUK114-50L NXP-BUK114-50L Datasheet
119Kb / 13P
   Logic level TOPFET
September 1996 Rev 1.000
More results

Descripción similar - BUK111-50GL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK130-50DL PHILIPS-BUK130-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK119-50DL
May 2001-Rev 1.900
BUK136-50L PHILIPS-BUK136-50L Datasheet
44Kb / 7P
   Logic level TOPFET SMD version of BUK125-50L
July 2002-Rev 1.000
logo
Nexperia B.V. All right...
BUK128-50DL NEXPERIA-BUK128-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001 Rev 1.800
BUK129-50DL NEXPERIA-BUK129-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001 Rev 1.900
logo
NXP Semiconductors
BUK128-50DL PHILIPS-BUK128-50DL Datasheet
41Kb / 6P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001-Rev 1.800
BUK129-50DL PHILIPS-BUK129-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001-Rev 1.900
BUK116-50L PHILIPS-BUK116-50L Datasheet
139Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
logo
Nexperia B.V. All right...
BUK114-50L NEXPERIA-BUK114-50L Datasheet
232Kb / 14P
   Logic level TOPFET SMD version of BUK104-50L/S
Rev 1.000 1996
logo
NXP Semiconductors
BUK116-50L PHILIPS-BUK116-50L Datasheet
138Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
logo
Nexperia B.V. All right...
BUK138-50DL NEXPERIA-BUK138-50DL Datasheet
162Kb / 7P
   Logic level TOPFET D-PAK version of BUK117-50DL
May 2001 Rev 1.300
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com