Nombre de pieza
         Descripción
OPA604_07

 FET-Input, Low Distortion OPERATIONAL AMPLIFIER ( 16 Page)


TI
100% 
Zoom Out Zoom In
 
 3 page
background image
OPA604
3
SBOS019A
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = +25°C, VS = ±15V, unless otherwise noted.
OPA604AP, AU
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
±1
±5mV
Average Drift
±8
µV/°C
Power Supply Rejection
VS = ±5 to ±24V
80
100
dB
INPUT BIAS CURRENT(1)
Input Bias Current
VCM = 0V
50
pA
Input Offset Current
VCM = 0V
±3pA
NOISE
Input Voltage Noise
Noise Density: f = 10Hz
25
nV/
√Hz
f = 100Hz
15
nV/
√Hz
f = 1kHz
11
nV/
√Hz
f = 10kHz
10
nV/
√Hz
Voltage Noise, BW = 20Hz to 20kHz
1.5
µV
PP
Input Bias Current Noise
Current Noise Density, f = 0.1Hz to 20kHz
4fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Input Range
±12
±13
V
Common-Mode Rejection
VCM = ±12V
80
100
dB
INPUT IMPEDANCE
Differential
1012 || 8
Ω || pF
Common-Mode
1012 || 10
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = ±10V, RL = 1kΩ
80
100
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
G = 100
20
MHz
Slew Rate
20VPP, RL = 1kΩ
15
25
V/
µs
Settling Time: 0.01%
G = –1, 10V Step
1.5
µs
0.1%
1
µs
Total Harmonic Distortion + Noise (THD+N)
G = 1, f = 1kHz
0.0003
%
VO = 3.5Vrms, RL = 1kΩ
OUTPUT
Voltage Output
RL = 600Ω±11
±12
V
Current Output
VO = ±12V
±35
mA
Short Circuit Current
±40
mA
Output Resistance, Open-Loop
25
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±4.5
±24
V
Current
±5.3
±7mA
TEMPERATURE RANGE
Specification
–25
+85
°C
Storage
–40
+125
°C
Thermal Resistance(2),
θ
JA
90
°C/W
NOTES: (1) Typical performance, measured fully warmed-up. (2) Soldered to circuit board—see text.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor
ICL8021High Reliability Low Power Bipolar Operational Amplifier 1 2 3 4 5 Intersil Corporation
ADA4000-1Low Cost Precision JFET Input Operational Amplifier in TSOT 1 2 3 4 5 MoreAnalog Devices
ADA4841-1Low Power Low Noise and Distortion Rail-to-Rail Output Amplifier 1 2 3 4 5 MoreAnalog Devices
INA103_07Low Noise Low Distortion INSTRUMENTATION AMPLIFIER 1 2 3 4 5 MoreBurr-Brown Corporation
LP502Low Distortion AGC Compression Amplifier 1 2 3 4 Gennum Corporation
LM2902WLOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
ADN28803.2 Gbps 3.3 V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl