Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL1431ID Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza TL1431ID
Descripción Electrónicos  Programmable Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431ID Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TL1431ID Datasheet HTML 2Page - STMicroelectronics TL1431ID Datasheet HTML 3Page - STMicroelectronics TL1431ID Datasheet HTML 4Page - STMicroelectronics TL1431ID Datasheet HTML 5Page - STMicroelectronics TL1431ID Datasheet HTML 6Page - STMicroelectronics TL1431ID Datasheet HTML 7Page - STMicroelectronics TL1431ID Datasheet HTML 8Page - STMicroelectronics TL1431ID Datasheet HTML 9Page - STMicroelectronics TL1431ID Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical Characteristics
TL1431
6/13
Figure 3.
Test circuit for VKA = VREF
Figure 4.
Test circuit for VKA = VREF
Figure 5.
Test circuit for IOFF
Figure 6.
Test circuit for phase margin and
voltage gain
Figure 7.
Block diagram of TL1431
Figure 8.
Test circuit for response time
Input
V
KA
V
REF
I
K=10mA
Output
R
VKA = VREF
+ R1 x IREF
1
R1
R2
--------
+
()
Input
V
KA
V
REF
I
K
R1
R2
I
REF
R
Output
V
KA=36V
I
OFF
Input
V
REF
I
K=10mA
10
µF
10
µF
Vref
Cathode
Anode
+
-
Vref
Vref
Cathode
Anode
+
-
Vref
I
K=1mA
0 mA
1 mA


Número de pieza similar - TL1431ID

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TL1431ID STMICROELECTRONICS-TL1431ID Datasheet
79Kb / 8P
   PROGRAMMABLE VOLTAGE REFERENCE
TL1431ID STMICROELECTRONICS-TL1431ID Datasheet
234Kb / 16P
   Programmable voltage reference
TL1431IDT STMICROELECTRONICS-TL1431IDT Datasheet
234Kb / 16P
   Programmable voltage reference
More results

Descripción similar - TL1431ID

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com