Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL1431ID Datasheet(PDF) 7 Page - STMicroelectronics |
|
TL1431ID Datasheet(HTML) 7 Page - STMicroelectronics |
7 / 13 page TL1431 Electrical Characteristics 7/13 Figure 9. Reference voltage vs. temp. Figure 10. Reference voltage vs. cathode current Figure 11. Reference voltage vs. cathode current Figure 12. Reference current vs. temp. Figure 13. Off-state cathode current vs. temp. Figure 14. Ratio of change in VREF to change in VKA vs. temp. -40 -20 0 20 40 60 80 100 120 2.486 2.488 2.490 2.492 2.494 2.496 2.498 2.500 I K =10 mA V KA =V REF =2.5 V See figure 1 Temperature (°C) -40 -20 0 20 40 60 80 100 -1 0 1 2 3 V KA =V REF See figure 1 Cathode current (mA) 0.0 0.2 0.4 0.6 0.8 1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 V KA =V REF See figure 1 Cathode current (mA) -40 -20 0 20 40 60 80 100 120 0.0 0.5 1.0 1.5 2.0 I K =10 mA V KA =V REF See figure 1 Temperature (°C) -40 -20 0 20 40 60 80 100 120 0.00 0.02 0.04 0.06 0.08 0.10 V KA = 36V See figure 3 Temperature(°C) -40 -20 0 20 40 60 80 100 120 -2.0 -1.5 -1.0 -0.5 0.0 I K =10 mA V KA =V REF See figure 2 Temperature (°C) |
Número de pieza similar - TL1431ID |
|
Descripción similar - TL1431ID |