Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK116-50L Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK116-50L
Descripción Electrónicos  Logic level TOPFET SMD version of BUK106-50L/S
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK116-50L Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK116-50L Datasheet HTML 2Page - NXP Semiconductors BUK116-50L Datasheet HTML 3Page - NXP Semiconductors BUK116-50L Datasheet HTML 4Page - NXP Semiconductors BUK116-50L Datasheet HTML 5Page - NXP Semiconductors BUK116-50L Datasheet HTML 6Page - NXP Semiconductors BUK116-50L Datasheet HTML 7Page - NXP Semiconductors BUK116-50L Datasheet HTML 8Page - NXP Semiconductors BUK116-50L Datasheet HTML 9Page - NXP Semiconductors BUK116-50L Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
Product specification
Logic level TOPFET
BUK116-50L/S
SMD version of BUK106-50L/S
FLAG DESCRIPTION
TRUTH TABLE
The flag pin provides a means to
CONDITION
DESCRIPTION
FLAG
detect the presence of the
protection supply and indicate the
NORMAL
Normal operation and adequate
LOGIC LOW
state of the overload detectors.
protection supply voltage
The flag is the open drain of an
n-MOS transistor and requires an
OVER TEMP.
Over temperature detected
LOGIC HIGH
external pull-up resistor
1. It is
suitable for both 5 V and 10 V logic.
Flag may be used to implement an
SHORT CIRCUIT
Overload condition detected
LOGIC HIGH
external protection strategy
2 for
applications which require low input
drive impedance.
SUPPLY FAULT
Inadequate protection supply
LOGIC HIGH
voltage
FLAG CHARACTERISTICS
T
mb = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Flag ‘low’
normal operation
V
FS
Flag voltage
I
F = 1.6 mA
-
0.15
0.4
V
I
FSS
Flag saturation current
V
FS = 10 V
-
15
-
mA
Flag ‘high’
overload or fault
I
FS
Flag leakage current
V
FS = 10 V
-
-
10
µA
V
PSF
Protection supply threshold
V
FF = 5 V; RF = 3 kΩ;
voltage
BUK116-50L
2.5
3.3
4
V
BUK116-50S
3.3
4.2
5
V
V
(CL)FS
Flag clamping voltage
I
F = 1 mA; VPS = 0 V
11
13
-
V
Application information
R
F
Suitable external pull-up
V
FF =5 V
1
10
50
k
resistance
V
FF =10 V
2
20
100
k
1 Even if the flag pin is not used, it is recommended that it is connected to the protection supply via a pull-up resistor. It should not be left
floating.
2 Low pass filtering of the flag signal may be advisable to prevent false tripping.
July 1996
6
Rev 1.000


Número de pieza similar - BUK116-50L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK116-50L PHILIPS-BUK116-50L Datasheet
138Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
More results

Descripción similar - BUK116-50L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK116-50L PHILIPS-BUK116-50L Datasheet
138Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
logo
Nexperia B.V. All right...
BUK114-50L NEXPERIA-BUK114-50L Datasheet
232Kb / 14P
   Logic level TOPFET SMD version of BUK104-50L/S
Rev 1.000 1996
logo
NXP Semiconductors
BUK136-50L PHILIPS-BUK136-50L Datasheet
44Kb / 7P
   Logic level TOPFET SMD version of BUK125-50L
July 2002-Rev 1.000
BUK124-50L PHILIPS-BUK124-50L Datasheet
166Kb / 13P
   Logic level TOPFET TO-220 version of BUK135-50L
January 2003-Rev 1.110
BUK111-50GL PHILIPS-BUK111-50GL Datasheet
93Kb / 16P
   Logic level TOPFET SMD version of BUK112-50GL
September 1996 Rev 1.000
BUK130-50DL PHILIPS-BUK130-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK119-50DL
May 2001-Rev 1.900
logo
Nexperia B.V. All right...
BUK128-50DL NEXPERIA-BUK128-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001 Rev 1.800
BUK129-50DL NEXPERIA-BUK129-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001 Rev 1.900
logo
NXP Semiconductors
BUK128-50DL PHILIPS-BUK128-50DL Datasheet
41Kb / 6P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001-Rev 1.800
BUK129-50DL PHILIPS-BUK129-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001-Rev 1.900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com