Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK116-50L Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza BUK116-50L
Descripción Electrónicos  Logic level TOPFET SMD version of BUK106-50L/S
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK116-50L Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK116-50L Datasheet HTML 5Page - NXP Semiconductors BUK116-50L Datasheet HTML 6Page - NXP Semiconductors BUK116-50L Datasheet HTML 7Page - NXP Semiconductors BUK116-50L Datasheet HTML 8Page - NXP Semiconductors BUK116-50L Datasheet HTML 9Page - NXP Semiconductors BUK116-50L Datasheet HTML 10Page - NXP Semiconductors BUK116-50L Datasheet HTML 11Page - NXP Semiconductors BUK116-50L Datasheet HTML 12Page - NXP Semiconductors BUK116-50L Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Philips Semiconductors
Product specification
Logic level TOPFET
BUK116-50L/S
SMD version of BUK106-50L/S
Fig.22. Input threshold voltage.
V
IS(TO) = f(Tj); conditions: ID = 1 mA; VDS = 5 V
Fig.23. Typical DC protection supply characteristics.
I
PS = f(VPS); normal or overload operation; Tj = 25 ˚C
Fig.24. Typical latched input characteristics, 25 ˚C.
I
ISL = f(VIS); after overload protection latched
Fig.25. Typical reverse diode current, T
j = 25 ˚C.
I
S = f(VSDS); conditions: VIS = 0 V; tp = 250 µs
Fig.26. Normalised limiting clamping energy.
E
DSM% = f(Tmb); conditions: ID = 27 A
Fig.27. Clamping energy test circuit, R
IS = 100 Ω.
-60
-40
-20
0
20
40
60
80
100
120
140
Tj / C
VIS(TO) / V
2
1
0
max.
typ.
min.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VSD / V
IS / A
BUK116-50L/S
200
150
100
50
0
0
2
4
6
8
10
12
14
BUK116-50L/S
VPS / V
IPS / mA
1.0
0.5
0
0
20
40
60
80
100
120
140
Tmb / C
EDSM%
120
110
100
90
80
70
60
50
40
30
20
10
0
0
2
4
6
8
10
VIS / V
IISL / mA
BUK116-50L/S
100
50
0
4
5
6
7
8
9
VPS / V = 11
150
10
L
D.U.T.
VDD
RI = RIS
R 01
VDS
-ID/100
+
-
shunt
VIS
0
ID
0
VDS
0
VDD
V(CL)DSR
D
S
I
TOPFET
P
F
P
RF
VPS
+
E
DSM = 0.5 ⋅ LID
2
⋅ V
(CL)DSR/(V(CL)DSR − VDD)
July 1996
10
Rev 1.000


Número de pieza similar - BUK116-50L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK116-50L PHILIPS-BUK116-50L Datasheet
138Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
More results

Descripción similar - BUK116-50L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK116-50L PHILIPS-BUK116-50L Datasheet
138Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
logo
Nexperia B.V. All right...
BUK114-50L NEXPERIA-BUK114-50L Datasheet
232Kb / 14P
   Logic level TOPFET SMD version of BUK104-50L/S
Rev 1.000 1996
logo
NXP Semiconductors
BUK136-50L PHILIPS-BUK136-50L Datasheet
44Kb / 7P
   Logic level TOPFET SMD version of BUK125-50L
July 2002-Rev 1.000
BUK124-50L PHILIPS-BUK124-50L Datasheet
166Kb / 13P
   Logic level TOPFET TO-220 version of BUK135-50L
January 2003-Rev 1.110
BUK111-50GL PHILIPS-BUK111-50GL Datasheet
93Kb / 16P
   Logic level TOPFET SMD version of BUK112-50GL
September 1996 Rev 1.000
BUK130-50DL PHILIPS-BUK130-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK119-50DL
May 2001-Rev 1.900
logo
Nexperia B.V. All right...
BUK128-50DL NEXPERIA-BUK128-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001 Rev 1.800
BUK129-50DL NEXPERIA-BUK129-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001 Rev 1.900
logo
NXP Semiconductors
BUK128-50DL PHILIPS-BUK128-50DL Datasheet
41Kb / 6P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001-Rev 1.800
BUK129-50DL PHILIPS-BUK129-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001-Rev 1.900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com