Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBTLV16212GR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74CBTLV16212GR
Descripción Electrónicos  LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV16212GR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74CBTLV16212GR Datasheet HTML 2Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 3Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 4Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 5Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 6Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 7Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 8Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 9Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN74CBTLV16212
LOW VOLTAGE 24BIT FET BUSEXCHANGE SWITCH
SCDS044I − DECEMBER 1997 − REVISED OCTOBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC/2
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
Input
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V∆
VOH − V∆
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
VCC/2
2.5 V
±0.2 V
3.3 V
±0.3 V
500
500
VCC
RL
0.15 V
0.3 V
V∆
CL
30 pF
50 pF
Figure 1. Load Circuit and Voltage Waveforms


Número de pieza similar - SN74CBTLV16212GR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTLV16212GR TI1-SN74CBTLV16212GR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
More results

Descripción similar - SN74CBTLV16212GR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212 Datasheet
76Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
74CBTLV16212 RENESAS-74CBTLV16212 Datasheet
281Kb / 6P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
JUNE 2019
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212_14 Datasheet
105Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com