Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK204-50Y Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BUK204-50Y
Descripción Electrónicos  TOPFET high side switch SMD version of BUK200-50Y
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK204-50Y Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK204-50Y Datasheet HTML 1Page - NXP Semiconductors BUK204-50Y Datasheet HTML 2Page - NXP Semiconductors BUK204-50Y Datasheet HTML 3Page - NXP Semiconductors BUK204-50Y Datasheet HTML 4Page - NXP Semiconductors BUK204-50Y Datasheet HTML 5Page - NXP Semiconductors BUK204-50Y Datasheet HTML 6Page - NXP Semiconductors BUK204-50Y Datasheet HTML 7Page - NXP Semiconductors BUK204-50Y Datasheet HTML 8Page - NXP Semiconductors BUK204-50Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
BUK204-50Y
SMD version of BUK200-50Y
PROTECTION FUNCTIONS AND STATUS INDICATIONS
Truth table for normal, open-circuit load and overload conditions and abnormal supply voltages.
FUNCTIONS
TRUTH TABLE
THRESHOLD
SYMBOL
CONDITION
INPUT
STATUS
OUTPUT
MIN.
TYP.
MAX.
UNIT
Normal on-state
1
1
1
Normal off-state
0
1
0
I
L(OC)
Open circuit load
1
1
0
1
50
200
350
mA
Open circuit load
0
1
0
T
j(TO)
Over temperature
2
1
0
0
150
175
-
˚C
Over temperature
3
00
0
V
BL(TO)
Short circuit load
4
1
0
0
8.5
10.3
12
V
Short circuit load
0
1
0
V
BG(TO)
Low supply voltage
5
X1
0
3
4
5
V
V
BG(LP)
High supply voltage
6
X1
0
40
45
50
V
For input ‘0’ equals low, ‘1’ equals high, ‘X’ equals don’t care.
For status ‘0’ equals low, ‘1’ equals open or high.
For output switch ‘0’ equals off, ‘1’ equals on.
STATUS CHARACTERISTICS
T
mb = 25 ˚C.
The status output is an open drain transistor, and requires an external pull-up circuit to indicate a logic high.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
SG
Status clamping voltage
I
S = 100 µA; VIG = 0 V
6
7
8
V
V
SG
Status low voltage
I
S = 50 µA; VBG = 13 V; VIG = 5 V
-
0.7
0.8
V
I
S
Status leakage current
V
SG = 5 V
-
0.1
1
µA
I
S
Status saturation current
7
V
SS = 5 V; RS = 0 Ω; VBG = 13 V
-
5
-
mA
Application information
R
S
External pull-up resistor
8
V
SS = 5 V
-
100
-
k
1 In the on-state, the switch detects whether the load current is less than the quoted open load threshold current. This is for status indication
only. Typical hysteresis equals 80 mA. The thresholds are specified for supply voltage within the normal working range.
2 After cooling below the reset temperature the switch will resume normal operation. The reset temperature is lower than the trip temperature by
typically 10 ˚C.
3 If the overtemperature protection has operated, status remains low to indicate the overtemperature condition even if the input is taken low,
providing the device has not cooled below the reset temperature.
4 After short circuit protection has operated, the input voltage must be toggled low for the switch to resume normal operation.
5 Undervoltage sensor causes the device to switch off. Typical hysteresis equals 0.7 V.
6 Overvoltage sensor causes the device to switch off to protect the load. Typical hysteresis equals 1.3 V.
7 In a fault condition with the pull-up resistor short circuited while the status transistor is conducting.
8 The pull-up resistor also protects the status pin during reverse battery conditions.
July 1996
4
Rev 1.000


Número de pieza similar - BUK204-50Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
More results

Descripción similar - BUK204-50Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK220-50Y PHILIPS-BUK220-50Y Datasheet
54Kb / 8P
   TOPFET high side switch SMD version of BUK219-50Y
July 2001-Rev 2.000
BUK204-50X PHILIPS-BUK204-50X Datasheet
132Kb / 13P
   TOPFET high side switch SMD version of BUK200-50X
July 1996 Rev 1.000
BUK206-50Y PHILIPS-BUK206-50Y Datasheet
124Kb / 13P
   TOPFET high side switch SMD version of BUK202-50Y
July 1996 Rev 1.000
BUK214-50Y PHILIPS-BUK214-50Y Datasheet
48Kb / 8P
   TOPFET high side switch SMD version of BUK209-50Y
September 2002-Rev 2.000
BUK215-50Y PHILIPS-BUK215-50Y Datasheet
201Kb / 13P
   TOPFET high side switch SMD version of BUK210-50Y
May 2001-Rev 1.010
BUK205-50Y PHILIPS-BUK205-50Y Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK201-50Y
July 1996 Rev 1.000
BUK207-50Y PHILIPS-BUK207-50Y Datasheet
123Kb / 13P
   TOPFET high side switch SMD version of BUK203-50Y
uly 1996 Rev 1.000
BUK215-50YT PHILIPS-BUK215-50YT Datasheet
260Kb / 13P
   TOPFET high side switch SMD version
June 2000-Rev 1.000
BUK217-50YT PHILIPS-BUK217-50YT Datasheet
38Kb / 8P
   TOPFET high side switch SMD version
September 2001-Rev 1.300
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com