Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK204-50Y Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza BUK204-50Y
Descripción Electrónicos  TOPFET high side switch SMD version of BUK200-50Y
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK204-50Y Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK204-50Y Datasheet HTML 4Page - NXP Semiconductors BUK204-50Y Datasheet HTML 5Page - NXP Semiconductors BUK204-50Y Datasheet HTML 6Page - NXP Semiconductors BUK204-50Y Datasheet HTML 7Page - NXP Semiconductors BUK204-50Y Datasheet HTML 8Page - NXP Semiconductors BUK204-50Y Datasheet HTML 9Page - NXP Semiconductors BUK204-50Y Datasheet HTML 10Page - NXP Semiconductors BUK204-50Y Datasheet HTML 11Page - NXP Semiconductors BUK204-50Y Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
BUK204-50Y
SMD version of BUK200-50Y
Fig.16. Typical input threshold voltages.
V
IG = f(Tj); conditions VBG = 13 V, IL = 50 mA
Fig.17. Typical input clamping voltage.
V
IG = f(Tj); conditions II = 200 µA, VBG = 13 V
Fig.18. Typical status characteristic, T
j = 25 ˚C.
I
S = f(VSG); conditions VIG = VBG = 0 V
Fig.19. Typical status leakage current.
I
S = f(Tj); conditions VSG = 5 V, VIG = VBG = 0 V
Fig.20. Typical status low characteristic, T
j = 25 ˚C.
I
S = f(VSG); conditions VIG = 5 V, VBG = 13 V, IL = 0 A
Fig.21. Typical status low voltage, V
SG = f(Tj).
conditions I
S = 50 µA, VIG = 5 V, VBG = 13 V, IL = 0 A
-60
-20
20
60
100
140
180
Tj / C
VIG / V
BUK204-50Y
3.0
2.5
2.0
1.5
1.0
VIG(ON)
VIG(OFF)
-60
-20
20
60
100
140
180
Tj / C
IS
BUK204-50Y
10 uA
1 uA
100 nA
10 nA
-60
-20
20
60
100
140
180
Tj / C
VIG / V
BUK204-50Y
8.0
7.5
7.0
6.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VSG / V
IS / uA
BUK204-50Y
500
400
300
200
100
0
0
2
4
6
8
10
VSG / V
IS / mA
BUK204-50Y
20
15
10
5
0
-60
-20
20
60
100
140
180
Tj / C
VSG / V
BUK204-50Y
1
0.8
0.6
0.4
0.2
0
July 1996
8
Rev 1.000


Número de pieza similar - BUK204-50Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
More results

Descripción similar - BUK204-50Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK220-50Y PHILIPS-BUK220-50Y Datasheet
54Kb / 8P
   TOPFET high side switch SMD version of BUK219-50Y
July 2001-Rev 2.000
BUK204-50X PHILIPS-BUK204-50X Datasheet
132Kb / 13P
   TOPFET high side switch SMD version of BUK200-50X
July 1996 Rev 1.000
BUK206-50Y PHILIPS-BUK206-50Y Datasheet
124Kb / 13P
   TOPFET high side switch SMD version of BUK202-50Y
July 1996 Rev 1.000
BUK214-50Y PHILIPS-BUK214-50Y Datasheet
48Kb / 8P
   TOPFET high side switch SMD version of BUK209-50Y
September 2002-Rev 2.000
BUK215-50Y PHILIPS-BUK215-50Y Datasheet
201Kb / 13P
   TOPFET high side switch SMD version of BUK210-50Y
May 2001-Rev 1.010
BUK205-50Y PHILIPS-BUK205-50Y Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK201-50Y
July 1996 Rev 1.000
BUK207-50Y PHILIPS-BUK207-50Y Datasheet
123Kb / 13P
   TOPFET high side switch SMD version of BUK203-50Y
uly 1996 Rev 1.000
BUK215-50YT PHILIPS-BUK215-50YT Datasheet
260Kb / 13P
   TOPFET high side switch SMD version
June 2000-Rev 1.000
BUK217-50YT PHILIPS-BUK217-50YT Datasheet
38Kb / 8P
   TOPFET high side switch SMD version
September 2001-Rev 1.300
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com