Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE321000 Datasheet(PDF) 3 Page - California Eastern Labs

No. de pieza NE321000
Descripción Electrónicos  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

NE321000 Datasheet(HTML) 3 Page - California Eastern Labs

  NE321000_01 Datasheet HTML 1Page - California Eastern Labs NE321000_01 Datasheet HTML 2Page - California Eastern Labs NE321000_01 Datasheet HTML 3Page - California Eastern Labs NE321000_01 Datasheet HTML 4Page - California Eastern Labs NE321000_01 Datasheet HTML 5Page - California Eastern Labs NE321000_01 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NE321000
CHIP DIMENSIONS (Units in µm)
NE321000 (CHIP)
GATE
DRAIN
58
27
56
38
300
38
56
26
61
Note: All dimensions are typical unless otherwise specified
Bonding Pad Area
Chip Thickness: 140 µm typical
PART NUMBER
QUALITY GRADE
NE321000
Standard (Grade D)
ORDERING INFORMATION
NOISE PARAMETERS
VDS = 2 V, ID = 10 mA
FREQ.(GHz)
NF MIN (dB)
GA (dB)
RN/50
MAG
ANG (DEG)
2.0
0.21
19.5
0.94
3.7
0.31
4.0
0.22
17.6
0.87
8.2
0.31
6.0
0.24
15.9
0.82
13.3
0.32
8.0
0.26
14.6
0.77
18.8
0.32
10.0
0.28
13.5
0.73
24.8
0.32
12.0
0.31
12.7
0.69
31.4
0.31
14.0
0.38
12.1
0.67
38.4
0.31
16.0
0.45
11.6
0.64
45.9
0.30
18.0
0.52
11.3
0.63
53.9
0.29
20.0
0.59
11.2
0.62
62.4
0.28
22.0
0.66
11.1
0.61
71.4
0.27
24.0
0.72
11.2
0.62
80.8
0.25
26.0
0.79
11.2
0.63
90.8
0.23
Γ
Γ
Γ
Γ
Γopt


Número de pieza similar - NE321000_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NE321000 NEC-NE321000 Datasheet
48Kb / 12P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
Renesas Technology Corp
NE321000 RENESAS-NE321000 Datasheet
215Kb / 14P
   HETERO JUNCTION FIELDEFFECT TRANSISTOR
1999
More results

Descripción similar - NE321000_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584 CEL-NE32584 Datasheet
58Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com