Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK206-50 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza BUK206-50
Descripción Electrónicos  TOPFET high side switch SMD version of BUK202-50Y
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK206-50 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK206-50 Datasheet HTML 5Page - NXP Semiconductors BUK206-50 Datasheet HTML 6Page - NXP Semiconductors BUK206-50 Datasheet HTML 7Page - NXP Semiconductors BUK206-50 Datasheet HTML 8Page - NXP Semiconductors BUK206-50 Datasheet HTML 9Page - NXP Semiconductors BUK206-50 Datasheet HTML 10Page - NXP Semiconductors BUK206-50 Datasheet HTML 11Page - NXP Semiconductors BUK206-50 Datasheet HTML 12Page - NXP Semiconductors BUK206-50 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
BUK206-50Y
SMD version of BUK202-50Y
Fig.22. Typical status clamping voltage, V
SG = f(Tj).
parameter V
IG; conditions IS = 100 µA, VBG = 13 V
Fig.23. Low load current detection threshold.
I
L(OC) = f(Tj); conditions VIG = 5 V; VBG = 13 V
Fig.24. Supply typical undervoltage thresholds.
V
BG(TO) = f(Tj); conditions VIG = 3 V; IL = 100 mA
Fig.25. Supply typical overvoltage thresholds.
V
BG(LP) = f(Tj); conditions VIG = 5 V; IL = 100 mA
Fig.26. Typical battery to ground clamping voltage.
V
BG = f(Tj); parameter IG
Fig.27. Typical negative load clamping characteristic.
I
L = f(VLG); conditions VIG = 0 V, tp = 300 µs, 25 ˚C
-60
-20
20
60
100
140
180
Tj / C
VSG / V
BUK206-50Y
8.0
7.5
7.0
6.5
5
VIG / V =
0
-60
-20
20
60
100
140
180
Tj / C
VBG(LP) / V
BUK206-50Y
47
46
45
44
43
on
off
-60
-20
20
60
100
140
180
Tj / C
IL(OC) / A
BUK206-50Y
1.0
0.8
0.6
0.4
0.2
0
typ.
max.
min.
-60
-20
20
60
100
140
180
Tj / C
VBG / V
BUK206-50Y
65
60
55
50
10 uA
1 mA
IG =
-60
-20
20
60
100
140
180
Tj / C
VBG(TO) / V
BUK206-50Y
5
4
3
2
1
0
on
off
-24
-20
-16
-12
-8
-4
0
VLG / V
IL / A
BUK206-50Y
50
40
30
20
10
0
July 1996
9
Rev 1.000


Número de pieza similar - BUK206-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK206-50X PHILIPS-BUK206-50X Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK202-50X
July 1996 Rev 1.000
More results

Descripción similar - BUK206-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK206-50X PHILIPS-BUK206-50X Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK202-50X
July 1996 Rev 1.000
BUK220-50Y PHILIPS-BUK220-50Y Datasheet
54Kb / 8P
   TOPFET high side switch SMD version of BUK219-50Y
July 2001-Rev 2.000
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK214-50Y PHILIPS-BUK214-50Y Datasheet
48Kb / 8P
   TOPFET high side switch SMD version of BUK209-50Y
September 2002-Rev 2.000
BUK215-50Y PHILIPS-BUK215-50Y Datasheet
201Kb / 13P
   TOPFET high side switch SMD version of BUK210-50Y
May 2001-Rev 1.010
BUK205-50Y PHILIPS-BUK205-50Y Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK201-50Y
July 1996 Rev 1.000
BUK207-50Y PHILIPS-BUK207-50Y Datasheet
123Kb / 13P
   TOPFET high side switch SMD version of BUK203-50Y
uly 1996 Rev 1.000
BUK215-50YT PHILIPS-BUK215-50YT Datasheet
260Kb / 13P
   TOPFET high side switch SMD version
June 2000-Rev 1.000
BUK217-50YT PHILIPS-BUK217-50YT Datasheet
38Kb / 8P
   TOPFET high side switch SMD version
September 2001-Rev 1.300
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com