Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA032D01 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPA032D01
Descripción Electrónicos  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA032D01 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA032D01_07 Datasheet HTML 7Page - Texas Instruments TPA032D01_07 Datasheet HTML 8Page - Texas Instruments TPA032D01_07 Datasheet HTML 9Page - Texas Instruments TPA032D01_07 Datasheet HTML 10Page - Texas Instruments TPA032D01_07 Datasheet HTML 11Page - Texas Instruments TPA032D01_07 Datasheet HTML 12Page - Texas Instruments TPA032D01_07 Datasheet HTML 13Page - Texas Instruments TPA032D01_07 Datasheet HTML 14Page - Texas Instruments TPA032D01_07 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TPA032D01
10W MONO CLASSD AUDIO POWER AMPLIFIER
SLOS282B − DECEMBER 1999 − REVISED JUNE 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
mute and shutdown modes
The TPA032D01 employs both a mute and a shutdown mode of operation designed to reduce supply current,
IDD, to the absolute minimum level during periods of nonuse for battery-power conservation. The SHUTDOWN
input terminal should be held high during normal operation when the amplifier is in use. Pulling SHUTDOWN
low causes the outputs to mute and the amplifier to enter a low-current state, IDD = 20 µA. Mute mode alone
reduces IDD to 10 mA.
using low-ESR capacitors
Low-ESR capacitors are recommended throughout this applications section. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this
resistor minimizes the beneficial effects of the capacitor in the circuit. The lower the equivalent value of this
resistance the more the real capacitor behaves like an ideal capacitor.
output filter components
The output inductors are key elements in the performance of the class-D audio amplifier system. It is important
that these inductors have a high enough current rating and a relatively constant inductance over frequency and
temperature. The current rating should be higher than the expected maximum current to avoid magnetically
saturating the inductor. When saturation occurs, the inductor loses its functionality and looks like a short circuit
to the PWM signal, which increases the harmonic distortion considerably.
A shielded inductor may be required if the class-D amplifier is placed in an EMI sensitive system; however, the
switching frequency is low for EMI considerations and should not be an issue in most systems. The dc series
resistance of the inductor should be low to minimize losses due to power dissipation in the inductor, which
reduces the efficiency of the circuit.
Capacitors are important in attenuating the switching frequency and high frequency noise, and in supplying
some of the current to the load. It is best to use capacitors with low equivalent-series-resistance (ESR). A low
ESR means that less power is dissipated in the capacitor as it shunts the high-frequency signals. Placing these
capacitors in parallel also parallels their ESR, effectively reducing the overall ESR value. The voltage rating is
also important, and, as a rule of thumb, should be 2 to 3 times the maximum rms voltage expected to allow for
high peak voltages and transient spikes. These output filter capacitors should be stable over temperature since
large currents flow through them.


Número de pieza similar - TPA032D01_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA032D01DCA TI-TPA032D01DCA Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA032D01_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01 Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com