Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4316 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
CD74HC4316 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 18 page 7 Total Harmonic Distortion 1kHz, VIS = 4VP-P (Figure 10) 4.5 0.078 0.078 % 1kHz, VIS = 8VP-P (Figure 10) 9 0.018 0.018 % Control to Switch Feedthrough Noise Figure 11 4.5 TBE TBE mV 9 TBE TBE mV Switch “OFF” Signal Feedthrough (Figure 7) Figure 12 (Notes 6, 7) 4.5 -62 -62 dB Switch Input Capacitance, CS -- 5 5 pF NOTES: 5. Adjust input level for 0dBm at output, f = 1MHz. 6. VIS is centered at VCC/2. 7. Adjust input for 0dBm at VIS. Analog Channel Specifications TA = 25oC (Continued) PARAMETER TEST CONDITIONS VCC (V) HC4316 CD74HCT4316 UNITS Typical Performance Curves FIGURE 4. TYPICAL “ON” RESISTANCE vs INPUT SIGNAL VOLTAGE FIGURE 5. TYPICAL “ON” RESISTANCE vs INPUT SIGNAL VOLTAGE FIGURE 6. SWITCH FREQUENCY RESPONSE FIGURE 7. SWITCH-OFF SIGNAL FEEDTHROUGH AND CROSSTALK vs FREQUENCY 110 100 90 80 70 60 50 40 30 20 10 01 23 45 4.5 INPUT SIGNAL VOLTAGE, VIS (V) 6 VCC = 6V, VEE = 0V VCC = 4.5V, VEE = 0V 50 45 40 35 30 25 20 15 10 -4.5 -3.5 -2.5 -1.5 -0.5 1.5 0.5 INPUT SIGNAL VOLTAGE, VIS (V) 2.5 VCC = 4.5V, VEE = 4.5V 3.5 4.5 5 0 60 0 -1 -2 -3 -4 10K 100K 1M 10M 100M FREQUENCY (f), Hz CL = 10pF VCC = 4.5V RL = 50Ω TA = 25 oC PIN 4 TO 3 CL = 10pF VCC = 9V RL = 50Ω TA = 25 oC PIN 4 TO 3 0 -20 -40 -60 -80 10K 100K 1M 10M 100M FREQUENCY (f), Hz CL = 10pF VCC = 4.5V RL = 50Ω TA = 25 oC PIN 4 TO 3 CL = 10pF VCC = 9V RL = 50Ω TA = 25 oC PIN 4 TO 3 -100 CD54HC4316, CD74HC4316, CD74HCT4316 CD54HC4316, CD74HC4316, CD74HCT4316 |
Número de pieza similar - CD74HC4316 |
|
Descripción similar - CD74HC4316 |