Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6030A4PWPG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6030A4PWPG4
Descripción Electrónicos  3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6030A4PWPG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPA6030A4PWPG4 Datasheet HTML 1Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 2Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 3Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 4Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 5Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 6Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 7Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 8Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TPA6030A4
SLOS395B − DECEMBER 2002 − REVISED JANUARY 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = PVCC = 12 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V l
36 dB
Out+ to Out−
10
55
| VOS |
Output offset
Volume = 36 dB,
SE/BTL = 0 V
Out+ to V(BYPASS)
10
105
mV
| VOS |
Output offset
SE/BTL = 0 V
Out− to V(BYPASS)
10
105
mV
PSRR
Power supply rejection ratio
VCC = PVCC = 12 V to 15 V
−42
−60
dB
|I |
High level input current
SE/BTL, IN2/IN1
VCC = 15 V, VI = VCC
1
A
|IIH|
High-level input current
SHUTDOWN,
VCC = 15 V, V I = 12 V
3
µA
|I |
Low level input current
SE/BTL, IN2/IN1
VCC = 15 V, VI = 0
1
A
|IIL|
Low-level input current
SHUTDOWN,
VCC = 15 V, VI = 0
1
µA
Supply current
No load,
SE/BTL = 0 V,
VCC = 7 V to 15 V
18
26
mA
ICC
Supply current
No load,
SHUTDOWN = 2 V
SE/BTL = VCC,
VCC = 7 V to 15 V
11
16
mA
Supply current, full clipping
at outputs, stereo operation
RL =16 Ω,
SE/BTL = 0 V,
SHUTDOWN = VCC
1.2
A
ICC(SD)
Supply current, shutdown
mode
No Load,
VCC=15 V,
SHUTDOWN = 0.8 V
1
3
µA
5VREF
VCC = 7 V to 15 V,
RL = 16-Ω stereo, Pin floating
4.4
4.7
5.5
V
RL =16 Ω, VOLUME = 5VREF,
IN+ = (VCC / 2) − 1 V and
VCC = 7 V
4.4
VOMAX
DC maximum output voltage
swing per output(1)
IN+ = (VCC / 2) − 1 V and
IN− = (VCC / 2) + 1 V
OR
VCC = 12 V
7.6
8.4
9.3
VPP
swing per output(1)
OR
IN+ = (VCC / 2) + 1 V and
IN− = (VCC / 2) − 1 V
VCC = 15 V
9.8
(1) See diagram below
Rout−
Rout+
RL = 16 Ω
VCC
VCC
Voltage Drop.
Typically Referred
To As VOH
Voltage Drop.
Typically Referred
To As VOL
VOMAX
VOMAX
DC MAXIMUM OUTPUT VOLTAGE SWING PER CHANNEL


Número de pieza similar - TPA6030A4PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6030A4PWP TI-TPA6030A4PWP Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Descripción similar - TPA6030A4PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4 Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com