Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6100A2D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6100A2D
Descripción Electrónicos  50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6100A2D Datasheet(HTML) 5 Page - Texas Instruments

  TPA6100A2D Datasheet HTML 1Page - Texas Instruments TPA6100A2D Datasheet HTML 2Page - Texas Instruments TPA6100A2D Datasheet HTML 3Page - Texas Instruments TPA6100A2D Datasheet HTML 4Page - Texas Instruments TPA6100A2D Datasheet HTML 5Page - Texas Instruments TPA6100A2D Datasheet HTML 6Page - Texas Instruments TPA6100A2D Datasheet HTML 7Page - Texas Instruments TPA6100A2D Datasheet HTML 8Page - Texas Instruments TPA6100A2D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
APPLICATION INFORMATION
GAIN SETTING RESISTORS, R
F, RI,and R
Gain + *
R
F
R
I
or Gain (dB) + 20 log
R
F
R
I
(1)
Effective Impedance +
R
FRI
R
F ) RI
(2)
fc +
1
2p R
F CF
(3)
INPUT CAPACITOR, C
I
fc +
1
2p R
I
C
I
(4)
C
I +
1
2p R
I fc
(5)
TPA6100A2D
SLOS269B – JUNE 2000 – REVISED SEPTEMBER 2004
The voltage gain for the TPA6100A2D is set by resistors RF and RI according to Equation 1.
Given that the TPA6100A2D is an MOS amplifier, the input impedance is high. Consequently, input leakage
currents are not generally a concern, although noise in the circuit increases as the value of RF increases. In
addition, a certain range of RF values is required for proper start-up operation of the amplifier. Taken together, it
is recommended that the effective impedance seen by the inverting node of the amplifier be set between 5 k
and 20 k
Ω. The effective impedance is calculated in Equation 2.
As an example, consider an input resistance of 20 k
Ω and a feedback resistor of 20 kΩ. The gain of the amplifier
would be –1 and the effective impedance at the inverting terminal would be 10 k
Ω, which is within the
recommended range.
For high-performance applications, metal film resistors are recommended because they tend to have lower noise
levels than carbon resistors. For values of RF above 50 kΩ, the amplifier tends to become unstable due to a pole
formed from RF and the inherent input capacitance of the MOS input structure. For this reason, a small
compensation capacitor of approximately 5 pF should be placed in parallel with RF. In effect, this creates a
low-pass filter network with the cutoff frequency defined in Equation 3.
For example, if RF is 100 kΩ and CF is 5 pF, then fc is 318 kHz, which is well outside the audio range.
For maximum signal swing and output power at low supply voltages like 1.6 V to 3.3 V, BYPASS is biased to
VDD/4. However, to allow the output to be biased at VDD/2, a resistor, R, equal to RF must be placed from the
negative input to ground.
In the typical application, an input capacitor, CI, is required to allow the amplifier to bias the input signal to the
proper dc level for optimum operation. In this case, CI and RI form a high-pass filter with the corner frequency
determined in Equation 4.
The value of CI is important to consider, as it directly affects the bass (low-frequency) performance of the circuit.
Consider the example where RI is 20 kΩ and the specification calls for a flat bass response down to 20 Hz.
Equation 4 is reconfigured as Equation 5.
In this example, CI is 0.4 µF, so one would likely choose a value in the range of 0.47 µF to 1 µF. A further
consideration for this capacitor is the leakage path from the input source through the input network (RI, CI) and
the feedback resistor (RF) to the load. This leakage current creates a dc offset voltage at the input to the amplifier
that reduces useful headroom, especially in high-gain applications (>10). For this reason a low-leakage tantalum
or ceramic capacitor is the best choice. When polarized capacitors are used, the positive side of the capacitor
should face the amplifier input in most applications, as the dc level there is held at VDD/4, which is likely higher
than the source dc level. It is important to confirm the capacitor polarity in the application.
5


Número de pieza similar - TPA6100A2D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI1-TPA6100A2D Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI1-TPA6100A2D Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DG4 TI1-TPA6100A2DG4 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DG4 TI1-TPA6100A2DG4 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA6100A2D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2_07 Datasheet
500Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com