Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6101A2ZQYR Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPA6101A2ZQYR
Descripción Electrónicos  50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6101A2ZQYR Datasheet(HTML) 4 Page - Texas Instruments

  TPA6101A2ZQYR Datasheet HTML 1Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 2Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 3Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 4Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 5Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 6Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 7Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 8Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPA6101A2
50mW ULTRALOW VOLTAGE, FIXEDGAIN STEREO HEADPHONE
AUDIO POWER AMPLIFIER
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
dc electrical characteristics at TA = 25°C, VDD = 1.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage
AV = 2 dB
5
40
mV
PSRR
Power supply rejection ratio
VDD = 1.4 V to 1.8 V
80
dB
IDD
Supply current
SHUTDOWN = 1.6 V
0.65
1.2
mA
IDD(SD)
Supply current in SHUTDOWN mode
SHUTDOWN = 0 V
50
250
nA
|IIH|
High-level input current (SHUTDOWN)
VDD = 1.6 V, VI = VDD
1
µA
|IIL|
Low-level input current (SHUTDOWN)
VDD = 1.6 V, VI = 0 V
1
µA
ZI
Input impedance
80
k
ac operating characteristics, VDD = 1.6 V, TA = 25°C, RL = 16 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G
Gain
2
dB
PO
Output power (each channel)
THD
≤ 0.5%,
f = 1 kHz
10
mW
THD+N
Total harmonic distortion + noise
PO = 9.5 mW,
20 Hz−20 kHz
0.06%
BOM
Maximum output power BW
THD < 1%
> 20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz
47
dB
SNR
Signal-to-noise ratio
PO = 10 mW
82
dB
Vn
Noise output voltage (no-noise weighting filter)
32
µV(rms)
ac operating characteristics, VDD = 1.6 V, TA = 25°C, RL = 32 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G
Gain
2
dB
PO
Output power (each channel)
THD
≤ 0.5%,
f = 1 kHz
7.5
mW
THD+N
Total harmonic distortion + noise
PO = 6.5 mW,
20 Hz−20 kHz
0.05%
BOM
Maximum output power BW
THD < 1%
>20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz
47
dB
SNR
Signal-to-noise ratio
PO = 7.5 mW
84
dB
Vn
Noise output voltage (no-noise weighting filter)
32
µV(rms)
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Frequency
1, 3, 5, 7, 9, 11
THD+N
Total harmonic distortion plus noise
vs Output power
2, 4, 6, 8, 10, 12
THD+N
Total harmonic distortion plus noise
vs Output voltage
13, 14
PO
Output power
vs Load resistance
15, 16
kSVR
Supply ripple rejection ratio
vs Frequency
17, 18
Vn
Output noise voltage
vs Frequency
19, 20
Crosstalk
vs Frequency
21, 22
Closed−loop gain and phase
vs Frequency
23, 24, 25, 26
IDD
Supply current
vs Supply voltage
27
PD
Power dissipation
vs Output power
28


Número de pieza similar - TPA6101A2ZQYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
More results

Descripción similar - TPA6101A2ZQYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com