Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6111A2D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6111A2D
Descripción Electrónicos  150-mW STEREO AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6111A2D Datasheet(HTML) 4 Page - Texas Instruments

  TPA6111A2D Datasheet HTML 1Page - Texas Instruments TPA6111A2D Datasheet HTML 2Page - Texas Instruments TPA6111A2D Datasheet HTML 3Page - Texas Instruments TPA6111A2D Datasheet HTML 4Page - Texas Instruments TPA6111A2D Datasheet HTML 5Page - Texas Instruments TPA6111A2D Datasheet HTML 6Page - Texas Instruments TPA6111A2D Datasheet HTML 7Page - Texas Instruments TPA6111A2D Datasheet HTML 8Page - Texas Instruments TPA6111A2D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
AC OPERATING CHARACTERISTICS
AC OPERATING CHARACTERISTICS
AC OPERATING CHARACTERISTICS
TPA6111A2
SLOS313B – DECEMBER 2000 – REVISED JUNE 2004
V
DD = 5 V, TA = 25°C, RL = 6 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%, f = 1 kHz
150
mW
THD+N
Total harmonic distortion + noise
PO = 100 mW, 20 Hz – 20 kHz
0.6%
BOM
Maximum output power BW
G = 20 dB, THD < 5%
> 20
kHz
Phase margin
Open loop
96
°
Supply ripple rejection ratio
f = 1 kHz, C(BYP) = 0.47 µF
61
dB
Channel/channel output separation
f = 1 kHz, PO = 100 mW
90
dB
SNR
Signal-to-noise ratio
PO = 100 mW, AV = 1
100
dB
Vn
Noise output voltage
AV = 1
11.7
µV(rms)
V
DD = 3.3 V, TA = 25°C, RL = 32 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%, f = 1 kHz
35
mW
THD+N
Total harmonic distortion + noise
PO = 40 mW, 20 Hz – 20 kHz
0.4%
BOM
Maximum output power BW
G = 20 dB, THD < 2%
> 20
kHz
Phase margin
Open loop
96
°
Supply ripple rejection
f = 1 kHz, C(BYP) = 0.47 µF
71
dB
Channel/channel output separation
f = 1 kHz, PO = 25 mW
75
dB
SNR
Signal-to-noise ratio
PO = 90 mW, AV = 1
100
dB
Vn
Noise output voltage
AV = 1
11
µV(rms)
V
DD = 5 V, TA = 25°C, RL = 32 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%, f = 1 kHz
90
mW
THD+N
Total harmonic distortion + noise
PO = 20 mW, 20 Hz – 20 kHz
2%
BOM
Maximum output power BW
G = 20 dB, THD < 2%
> 20
kHz
Phase margin
Open loop
97
°
Supply ripple rejection
f = 1 kHz, C(BYP) = 0.47 µF
61
dB
Channel/channel output separation
f = 1 kHz, PO = 65 mW
98
dB
SNR
Signal-to-noise ratio
PO = 90 mW, AV = 1
104
dB
Vn
Noise output voltage
AV = 1
11.7
µV(rms)
4


Número de pieza similar - TPA6111A2D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6111A2D TI-TPA6111A2D Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2D TI1-TPA6111A2D Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2DG4 TI1-TPA6111A2DG4 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2DGN TI-TPA6111A2DGN Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2DGN TI1-TPA6111A2DGN Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
More results

Descripción similar - TPA6111A2D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com