Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6203A1ZQVR Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPA6203A1ZQVR
Descripción Electrónicos  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6203A1ZQVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6203A1ZQVR Datasheet HTML 6Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 7Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 8Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 9Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 10Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 11Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 12Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 13Page - Texas Instruments TPA6203A1ZQVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
_
+
VDD
VO+
VO-
GND
To Battery
Cs
Bias
Circuitry
IN-
IN+
+
-
IN
SHUTDOWN
RI
RI
RF
RF
CI
CI
C(
)
BYPASS
(Optional)
_
+
VDD
VO+
VO-
GND
To Battery
Cs
Bias
Circuitry
IN-
IN+
IN
SHUTDOWN
RI
RF
CI
CI
RI
RF
C(
)
BYPASS
(Optional)
Bypass Capacitor (CBYPASS) and Start-Up Time
Selecting Components
Resistors (RF and RI)
Gain = RF/RI
(1)
TPA6203A1
SLOS364E – MARCH 2002 – REVISED DECEMBER 2005
Figure 29. Differential Input Application Schematic Optimized With Input Capacitors
Figure 30. Single-Ended Input Application Schematic
The internal voltage divider at the BYPASS pin of this
device
sets
a
mid-supply
voltage
for
internal
references and sets the output common mode
The input (RI) and feedback resistors (RF) set the
voltage to VDD/2. Adding a capacitor to this pin filters
gain of the amplifier according to Equation 1.
any noise into this pin and increases the kSVR.
C(BYPASS)also determines the rise time of VO+ and VO-
when the device is taken out of shutdown. The larger
RF and RI should range from 1 kΩ to 100 kΩ. Most
the capacitor, the slower the rise time. Although the
graphs were taken with RF = RI = 20 kΩ.
output rise time depends on the bypass capacitor
Resistor matching is very important in fully differential
value, the device passes audio 4
µs after taken out of
amplifiers. The balance of the output on the reference
shutdown and the gain is slowly ramped up based on
voltage depends on matched ratios of the resistors.
C(BYPASS).
CMRR, PSRR, and the cancellation of the second
To minimize pops and clicks, design the circuit so the
harmonic distortion diminishes if resistor mismatch
impedance (resistance and capacitance) detected by
occurs. Therefore, it is recommended to use 1%
both inputs, IN+ and IN-, is equal.
tolerance resistors or better to keep the performance
optimized.
10


Número de pieza similar - TPA6203A1ZQVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6203A1ZQVR TI-TPA6203A1ZQVR Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1ZQVR TI1-TPA6203A1ZQVR Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1ZQVR TI-TPA6203A1ZQVR Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA6203A1ZQVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com