Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6203A1DRB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6203A1DRB
Descripción Electrónicos  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6203A1DRB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA6203A1DRB Datasheet HTML 3Page - Texas Instruments TPA6203A1DRB Datasheet HTML 4Page - Texas Instruments TPA6203A1DRB Datasheet HTML 5Page - Texas Instruments TPA6203A1DRB Datasheet HTML 6Page - Texas Instruments TPA6203A1DRB Datasheet HTML 7Page - Texas Instruments TPA6203A1DRB Datasheet HTML 8Page - Texas Instruments TPA6203A1DRB Datasheet HTML 9Page - Texas Instruments TPA6203A1DRB Datasheet HTML 10Page - Texas Instruments TPA6203A1DRB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
25 mW
125 mW
500 mW
VDD = 3.6 V
CI = 2 µF
RL = 8 Ω
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
15 mW
200 mW
75 mW
VDD = 2.5 V
CI = 2 µF
RL = 8 Ω
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
VDD = 3.6 V
CI = 2 µF
RL = 16 Ω
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
25 mW
250 mW
125 mW
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
VDD = 3.6 V
VDD = 5 V
VDD =2. 5 V
f - Frequency - Hz
CI = 2 µF
RL = 8 Ω
C(Bypass) = 0.47 µF
Vp-p = 200 mV
Inputs ac-Grounded
Gain = 1 V/V
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
VDD = 3.6 V
VDD = 5 V
VDD =2. 5 V
Gain = 5 V/V
CI = 2 µF
RL = 8 Ω
C(Bypass) = 0.47 µF
Vp-p = 200 mV
Inputs ac-Grounded
0.01
0.10
1
10
0
0.5
1
1.5
2
2.5
3
3.5
VDD = 2.5 V
VDD = 3.6 V
f = 1 kHz
PO = 200 mW
VIC - Common Mode Input Voltage - V
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
2
3
4
5
VIC - Common Mode Input Voltage - V
f = 217 Hz
C(Bypass) = 0.47 µF
RL = 8 Ω
Gain = 1 V/V
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
VDD =2. 5 V
VDD = 5 V
VDD = 3.6 V
CI = 2 µF
RL = 8 Ω
Inputs Floating
Gain = 1 V/V
VDD = 3.6 V
CI = 2 µF
RL = 8 Ω
Inputs ac-Grounded
Gain = 1 V/V
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
C(Bypass) = 0.1 µF
C(Bypass) = 0
C(Bypass) = 0.47 µF
C(Bypass) = 1 µF
TPA6203A1
SLOS364E – MARCH 2002 – REVISED DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION +
SUPPLY VOLTAGE REJECTION
SUPPLY VOLTAGE REJECTION
NOISE
RATIO
RATIO
vs
vs
vs
COMMON MODE INPUT VOLTAGE
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
SUPPLY VOLTAGE REJECTION
SUPPLY VOLTAGE REJECTION
SUPPLY VOLTAGE REJECTION
RATIO
RATIO
RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
COMMON MODE INPUT VOLTAGE
Figure 16.
Figure 17.
Figure 18.
7


Número de pieza similar - TPA6203A1DRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6203A1DRB TI1-TPA6203A1DRB Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DRB TI-TPA6203A1DRB Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DRBG4 TI1-TPA6203A1DRBG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DRBR TI1-TPA6203A1DRBR Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DRBR TI-TPA6203A1DRBR Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA6203A1DRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com