Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74CBTD3861DBQRE4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza 74CBTD3861DBQRE4
Descripción Electrónicos  10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74CBTD3861DBQRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74CBTD3861DBQRE4 Datasheet HTML 4Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 5Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 6Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 7Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 8Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 9Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 10Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 11Page - Texas Instruments 74CBTD3861DBQRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Número de pieza similar - 74CBTD3861DBQRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74CBTD3861DBQRE4 TI1-74CBTD3861DBQRE4 Datasheet
669Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
More results

Descripción similar - 74CBTD3861DBQRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTD3861 TI-SN74CBTD3861 Datasheet
80Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI1-SN74CBTD3861_15 Datasheet
669Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN54CBTD3384 TI-SN54CBTD3384 Datasheet
90Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
SN74CBTD3384 TI1-SN74CBTD3384_13 Datasheet
1Mb / 21P
[Old version datasheet]   10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
SN74CBTD16210 TI-SN74CBTD16210 Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210DGGR TI-SN74CBTD16210DGGR Datasheet
352Kb / 12P
[Old version datasheet]   SN74CBTD16210 20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com